Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9211 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC9211
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC9211 Datasheet HTML 41Page - NXP Semiconductors P89LPC9211 Datasheet HTML 42Page - NXP Semiconductors P89LPC9211 Datasheet HTML 43Page - NXP Semiconductors P89LPC9211 Datasheet HTML 44Page - NXP Semiconductors P89LPC9211 Datasheet HTML 45Page - NXP Semiconductors P89LPC9211 Datasheet HTML 46Page - NXP Semiconductors P89LPC9211 Datasheet HTML 47Page - NXP Semiconductors P89LPC9211 Datasheet HTML 48Page - NXP Semiconductors P89LPC9211 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
45 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
7.28.6 ICP
ICP is performed without removing the microcontroller from the system. The ICP facility
consists of internal hardware resources to facilitate remote programming of the
P89LPC9201/9211/922A1/9241/9251 through a two-wire serial interface. The NXP ICP
facility has made in-circuit programming in an embedded application - using commercially
available programmers - possible with a minimum of additional expense in components
and circuit board area. The ICP function uses five pins. Only a small connector needs to
be available to interface your application to a commercial programmer in order to use this
feature. Additional details may be found in the P89LPC9201/9211/922A1/9241/9251 User
manual.
7.28.7 IAP
IAP is performed in the application under the control of the microcontroller’s firmware. The
IAP facility consists of internal hardware resources to facilitate programming and erasing.
The NXP IAP has made in-application programming in an embedded application possible
without additional components. Two methods are available to accomplish IAP. A set of
predefined IAP functions are provided in a Boot ROM and can be called through a
common interface, PGM_MTP. Several IAP calls are available for use by an application
program to permit selective erasing and programming of flash sectors, pages, security
bits, configuration bytes, and device ID. These functions are selected by setting up the
microcontroller’s registers before making a call to PGM_MTP at FF03H. The Boot ROM
occupies the program memory space at the top of the address space from FF00H to
FEFFH, thereby not conflicting with the user program memory space.
In addition, IAP operations can be accomplished through the use of four SFRs consisting
of a control/status register, a data register, and two address registers. Additional details
may be found in the P89LPC9201/9211/922A1/9241/9251 User manual.
7.28.8 ISP
ISP is performed without removing the microcontroller from the system. The ISP facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89LPC9201/9211/922A1/9241/9251 through the
serial port. This firmware is provided by NXP and embedded within each
P89LPC9201/9211/922A1/9241/9251 device. The NXP ISP facility has made in-system
programming in an embedded application possible with a minimum of additional expense
in components and circuit board area. The ISP function uses five pins (VDD, VSS, TXD,
RXD, and RST). Only a small connector needs to be available to interface your application
to an external circuit in order to use this feature.
7.28.9 Power-on reset code execution
The P89LPC9201/9211/922A1/9241/9251 contains two special flash elements: the Boot
Vector and the Boot Status bit. Following reset, the P89LPC9201/9211/922A1/9241/9251
examines the contents of the Boot Status bit. If the Boot Status bit is set to zero, power-up
execution starts at location 0000H, which is the normal start address of the user’s
application code. When the Boot Status bit is set to a value other than zero, the contents
of the Boot Vector are used as the high byte of the execution address and the low byte is
set to 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com