Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK942P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK942P
Description  Low voltage 1 : 18 clock distribution chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK942P Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK942P Datasheet HTML 1Page - NXP Semiconductors PCK942P Datasheet HTML 2Page - NXP Semiconductors PCK942P Datasheet HTML 3Page - NXP Semiconductors PCK942P Datasheet HTML 4Page - NXP Semiconductors PCK942P Datasheet HTML 5Page - NXP Semiconductors PCK942P Datasheet HTML 6Page - NXP Semiconductors PCK942P Datasheet HTML 7Page - NXP Semiconductors PCK942P Datasheet HTML 8Page - NXP Semiconductors PCK942P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 12261
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 17 February 2006
2 of 11
Philips Semiconductors
PCK942P
Low voltage 1 : 18 clock distribution chip
3.
Ordering information
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Table 1:
Ordering information
Type number
Package
Name
Description
Version
PCK942PBD
LQFP32
plastic low profile quad flat package; 32 leads;
body 7
× 7 × 1.4 mm
SOT358-1
Fig 1.
Functional diagram of PCK942P
002aaa674
PCK942P
Q0
Q1 to Q16
Q17
OE
(internal pull-up)
PECL_CLK
PECL_CLK
Fig 2.
Pin configuration for LQFP32
PCK942PBD
GND
Q6
GND
Q7
OE
Q8
n.c.
VCC
PECL_CLK
Q9
PECL_CLK
Q10
VCC
Q11
VCC
GND
002aaa675
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com