Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9030LR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF9030LR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030LR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF9030LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MRF9030LR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
960
12
20
930
−38
50
IRL
Gps
η
IMD
VDD = 26 Vdc
Pout = 30 W (PEP)
IDQ = 250 mA
Two−Tone, 100 kHz Tone Spacing
f, FREQUENCY (MHz)
Figure 3. Class AB Broadband Circuit Performance
19
45
18
40
17
35
16
−30
15
−32
14
−34
13
−36
955
950
945
940
935
−18
−10
−12
−14
−16
100
17
20
1
IDQ = 375 mA
300 mA
VDD = 26 Vdc
f1 = 945 MHz, f2 = 945.1 MHz
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Power Gain versus Output Power
19.5
19
18.5
18
17.5
10
250 mA
200 mA
100
−60
−50
1
IDQ = 200 mA
300 mA
VDD = 26 Vdc
f1 = 945 MHz, f2 = 945.1 MHz
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Intermodulation Distortion versus
Output Power
−20
−30
−40
10
375 mA
250 mA
100
−70
0
1
3rd Order
VDD = 26 Vdc
IDQ = 250 mA
f1 = 945 MHz, f2 = 945.1 MHz
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
10
−10
−20
−30
−40
−50
−60
5th Order
7th Order
100
10
22
0.1
0
60
Gps
η
VDD = 26 Vdc
IDQ = 250 mA
f = 945 MHz
Pout, OUTPUT POWER (WATTS) AVG.
Figure 7. Power Gain and Efficiency versus
Output Power
20
50
18
40
16
30
14
20
12
10
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com