Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33812 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33812 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Document Number: MC33812
Rev. 5.0, 7/2010
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Multifunctional Ignition and
Injector Driver
The 33812 is an engine control analog power IC intended for
motorcycle and other single/dual cylinder small engine control
applications. The IC consists of three integrated low side drivers, one
pre-driver, a +5.0 V, voltage pre-regulator, an MCU watchdog circuit,
an ISO 9141 K-Line interface, and a parallel interface for MCU
communication. The three low side drivers are provided for driving a
fuel injector, a lamp or LED, and a relay or other load. The pre-driver
is intended to drive either an Insulated Gate Bipolar Transistor (IGBT)
or a bipolar Darlington transistor to control an ignition coil.
Features:
• Designed to operate over the range of ~4.7 V
≤ VPWR ≤ 36 V
• Fuel Injector driver - Current Limit - 4.0 A Typical
• Ignition pre-driver can drive IGBT or Darlington bipolar junction
transistors
• Ignition pre-driver has independent high and low side outputs
• Relay driver - Current Limit - 4.0 A Typical
• Lamp driver- Current Limit - 1.5 A Typical
• All external outputs protected against short to battery, over-current
• Ignition and other drivers protected against over-temperature
• Interfaces directly to MCU Using 5.0 V parallel interface
• VCC voltage pre-regulator provides +5.0 V power for the MCU
• MCU Power On RESET generator
• MCU watchdog timer circuit with parallel refresh/time setting line
• Independent fault annunciation outputs for ignition, injector and relay drivers
• ISO-9141 K-Line transceiver for communicating diagnostic messages
• Pb-free packaging designated by suffix code EK
Figure 1. 33812 Simplified Application Diagram
SMALL ENGINE CONTROL IC
33812
*Note: AEC qualified for automotive applications
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33812EK/R2
-40° to 125°C
32 SOICW-EP
*MCZ33812AEK/R2
EK Pb-FREE SUFFIX
98ASA10556D
32 Pin SOICW EP
MRX
33812
VBAT
LAMPOUT
MCU
RESET
ROUT
RELAY OR
MIL
VBAT
RESET
VCC
MTX
INJIN
VCCSENS
DGND
+5 V
IGNIN
IGNOUTH
ISO9141
ISO9141
IGNFB
VCCREF
INJOUT
INJECTOR
VBAT
VBAT
GPIO
RXD
TXD
PGND1,2
WD_INH
TM_EN, TEST2
GPIO
GPIO
WDRFSH
INJFLT
IGNFLT
GPIO
GPIO
LAMPIN
RIN
GPIO
GPIO
VBAT
IGNSUP
PNP
IGNOUTL
(IGBT DRIVER SHOWN)
OTHER LOAD
VPWR
Note: Surge Voltage protection recommended on VPWR
GPIO
RELFLT
+5 V
VPWR


Similar Part No. - 33812

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33812 FREESCALE-33812 Datasheet
480Kb / 25P
SMALL ENGINE CONTROL IC
More results

Similar Description - 33812

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
2.4A/4.4A Injector Solenoid Driver
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
logo
Motorola, Inc
MC33191 MOTOROLA-MC33191 Datasheet
294Kb / 5P
Automotive 12V ignition driver
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
Quad Low Side Injector Driver
V1.3, December 2008
logo
Freescale Semiconductor...
MM912_P812 FREESCALE-MM912_P812 Datasheet
487Kb / 19P
S12P MCU and Multifunctional Ignition
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
FAN1100-F085 ONSEMI-FAN1100-F085 Datasheet
269Kb / 10P
Ignition Gate Driver IC
Aug-2018, Rev. 3
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com