Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3H04C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # EC3H04C
Description  High-Frequency Low-Noise Amplifier and OSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H04C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  EC3H04C Datasheet HTML 1Page - Sanyo Semicon Device EC3H04C Datasheet HTML 2Page - Sanyo Semicon Device EC3H04C Datasheet HTML 3Page - Sanyo Semicon Device EC3H04C Datasheet HTML 4Page - Sanyo Semicon Device EC3H04C Datasheet HTML 5Page - Sanyo Semicon Device EC3H04C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC3H04C
No.6580-3/6
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.925
--41.9
2.875
149.0
0.113
63.2
0.913
--21.9
400
0.835
--78.1
2.702
124.4
0.180
43.8
0.780
--36.1
600
0.758
--101.3
2.125
106.7
0.201
31.3
0.660
--44.2
800
0.716
--115.7
1.584
97.7
0.218
21.4
0.613
--50.5
1000
0.729
--129.3
1.443
83.8
0.224
16.9
0.560
--58.6
1200
0.706
--140.2
1.328
74.8
0.217
13.4
0.550
--62.4
1400
0.707
--146.9
1.142
67.8
0.209
9.9
0.569
--66.0
1600
0.716
--151.9
0.980
61.1
0.203
7.2
0.548
--72.5
1800
0.698
--157.2
0.871
53.1
0.196
4.9
0.529
--77.0
2000
0.702
--164.2
0.877
52.1
0.177
9.6
0.560
--84.6
2200
0.700
--167.0
0.759
42.9
0.173
5.7
0.536
--87.6
2400
0.704
--172.3
0.744
43.0
0.156
13.7
0.588
--94.5
2600
0.704
--175.5
0.673
35.5
0.150
12.7
0.553
--98.5
2800
0.708
--179.8
0.652
35.8
0.143
23.7
0.615
--104.0
3000
0.709
177.0
0.604
30.5
0.142
25.3
0.575
--109.0
1.0
0
1.0
0.5
1.5
Collector Current, IC -- mA
NF -- IC
IT02238
2.0
2.5
3.0
4.0
3.5
5.0
4.5
5
3
2
7
5
3
2
7
10
100
0
0
20
Ambient Temperature, Ta --
°C
PC -- Ta
IT02239
40
60
100
80
120
40
20
100
120
60
80
140
160
IT02236
IT02237
S21e2 -- IC
1.0
Collector Current, IC -- mA
S21e2 -- IC
2
3
5
7
2
3
5
7
10
100
0
2
4
6
8
16
14
12
10
1.0
Collector Current, IC -- mA
10
23
5
7
23
5
7
100
0
2
4
6
8
10
12
14
16
f=1GHz
VCE
=3V
1V
VCE
=3V
1V
f=2GHz
VCE=1V
f=2GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com