Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331MFC16 Datasheet(PDF) 75 Page - Motorola, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC16 Datasheet(HTML) 75 Page - Motorola, Inc

Back Button MC68331MFC16 Datasheet HTML 71Page - Motorola, Inc MC68331MFC16 Datasheet HTML 72Page - Motorola, Inc MC68331MFC16 Datasheet HTML 73Page - Motorola, Inc MC68331MFC16 Datasheet HTML 74Page - Motorola, Inc MC68331MFC16 Datasheet HTML 75Page - Motorola, Inc MC68331MFC16 Datasheet HTML 76Page - Motorola, Inc MC68331MFC16 Datasheet HTML 77Page - Motorola, Inc MC68331MFC16 Datasheet HTML 78Page - Motorola, Inc MC68331MFC16 Datasheet HTML 79Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
MC68331TS/D
75
6.4 GPT Registers
The GPTMCR contains parameters for configuring the GPT.
STOP — Stop Clocks
0 = Internal clocks not shut down
1 = Internal clocks shut down
FRZ1 — Not implemented at this time
FRZ0 — FREEZE Response
0 = Ignore FREEZE
1 = FREEZE the current state of the GPT
STOPP — Stop Prescaler
0 = Normal operation
1 = Stop prescaler and pulse accumulator from incrementing. Ignore changes to input pins.
INCP — Increment Prescaler
0 = Has no meaning
1 = If STOPP is asserted, increment prescaler once and clock input synchronizers once.
SUPV — Supervisor/Unrestricted Data Space
0 = Registers with access controlled by SUPV bit are accessible from either user or supervisor priv-
ilege level.
1 = Registers with access controlled by SUPV bit are restricted to supervisor access only.
IARB — Interrupt Arbitration Field
The IARB field is used to arbitrate between simultaneous interrupt requests of the same priority. Each
module that can generate interrupt requests must be assigned a unique, non-zero IARB field value. Re-
fer to 3.8 Interrupts for more information.
MTR — GPT Module Test Register (Reserved)
$YFF902
This address is currently unused and returns zeros if read. It is reserved for GPT factory test.
IPA — Interrupt Priority Adjust
Specifies which GPT interrupt source is given highest internal priority
IPL — Interrupt Priority Level
Specifies the priority level of interrupts generated by the GPT.
IVBA — Interrupt Vector Base Address
Most significant nibble of interrupt vector number generated by the GPT when an interrupt service re-
quest is acknowledged.
GPTMCR — GPT Module Configuration Register
$YFF900
15
14
13
12
11
10
9
8
7
6
5
4
3
0
STOP
FRZ1
FRZ0
STOPP
INCP
0
0
0
SUPV
0
0
0
IARB
RESET:
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
ICR — GPT Interrupt Configuration Register
$YFF904
15
12
11
10
8
7
4
3
2
1
0
IPA
0
IPL
IVBA
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com