Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC112 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC112
Description  NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC112 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC112 Datasheet HTML 1Page - Sanyo Semicon Device FC112 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/4139MO, TS No.3080-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Composite Transistor
Switching Applications
Ordering number:EN3080
FC112
Package Dimensions
unit:mm
2066
[FC112]
C1:Collerctor1
C2:Collerctor2
B2:Base2
EC:Emitter Common
B1:Base1
SANYO:CP5
Features
· On-chip bias resistors (R1=22kΩ, R2=22kΩ)
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC112 is formed with two chips, being equiva-
lent to the 2SC3396, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
Note: The specifications shown above are for each individual transistor.
Marking:112
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
5V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
0
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
2A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
E
C
V E
C
I
,
V
0
4
=
B 0
=5
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
5
=
C 0
=0
73
1
10
6
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
5
=
C
A
m
5
=0
5
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
5
=0
5
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=3
.
3F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
.
A
m
0
1
=
B
A
m
5
.
0
=1
.
03
.
0V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
=
E 0
=0
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
µ
0
0
1
=
E
B =∞
0
5V
e
g
a
t
l
o
V
e
t
a
t
S
-
F
F
O
t
u
p
n
IV
)
f
f
o
(
I
V E
C
I
,
V
5
=
C
A
µ
0
0
1
=8
.
01
.
15
.
1V
e
g
a
t
l
o
V
e
t
a
t
S
-
N
O
t
u
p
n
IV
)
n
o
(
I
V E
C
I
,
V
2
.
0
=
C
A
m
5
=0
.
19
.
10
.
3V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
IR1
5
12
29
2k
Ω
o
i
t
a
R
e
c
n
a
t
s
i
s
e
RR1 R
/ 2
9
.
00
.
11
.
1


Similar Part No. - FC112

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
FC1121 BECKHOFF-FC1121 Datasheet
147Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI express, NOVRAM, RJ45
logo
Positronic.
FC112N4 POSITRONIC-FC112N4 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC112N4S POSITRONIC-FC112N4S Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC112P2-PA907 POSITRONIC-FC112P2-PA907 Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
FC112P2S-PA907 POSITRONIC-FC112P2S-PA907 Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
More results

Similar Description - FC112

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC105 SANYO-FC105 Datasheet
43Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor (Switching Applications)
FC106 SANYO-FC106 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC107 SANYO-FC107 Datasheet
43Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC108 SANYO-FC108 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC109 SANYO-FC109 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC110 SANYO-FC110 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC111 SANYO-FC111 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC113 SANYO-FC113 Datasheet
53Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC114 SANYO-FC114 Datasheet
53Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC116 SANYO-FC116 Datasheet
53Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com