Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2808 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2808
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2808 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2808 Datasheet HTML 1Page - Micrel Semiconductor MIC2808 Datasheet HTML 2Page - Micrel Semiconductor MIC2808 Datasheet HTML 3Page - Micrel Semiconductor MIC2808 Datasheet HTML 4Page - Micrel Semiconductor MIC2808 Datasheet HTML 5Page - Micrel Semiconductor MIC2808 Datasheet HTML 6Page - Micrel Semiconductor MIC2808 Datasheet HTML 7Page - Micrel Semiconductor MIC2808 Datasheet HTML 8Page - Micrel Semiconductor MIC2808 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC2808
July 2009
3
M9999-071709-A
Pin Description
Pin
Number
Pin Name
Pin Function
1
LDO1
Output of the LDO1.
2
VIN
LDO1 and LDO2 Supply Voltage. Must be connected to PIN 9 (AVIN).
3
EN2
Enables the LDO2 regulator. Do not leave floating.
4
BYP
Filter capacitor for LDO1 and LDO2 internal voltage reference. Connect a 0.1µF capacitor-to-ground.
5
DAC
DAC Control Input (Analog Voltage Input). Provides control of output voltage of DC/DC regulator. The
output voltage is 3x’s the DAC voltage (Ex. 0.5VDAC = 1.5VOUT) when VIN > VOUT. Bypass mode is enabled
when the DAC voltage exceeds 1.2V or VIN ≤ VOUT.
6
AGND
Signal ground.
7
NC
No Connect.
8
EN
Enables the DC/DC Regulator. Do not leave floating.
9
AVIN
Supply voltage for DC/DC regulator control circuitry and reference voltage circuit. Must be connected to PIN
2 (VIN).
10
EN1
Enables LDO1 Regulator. Do not leave floating.
11
PVIN
Supply Voltage: Requires bypass capacitor to ground.
12
SW
Switch: Internal power MOSFET output switches of DC/DC regulator.
13
PGND
Power ground.
14, 15
OUT
Drain of internal bypass switch, also serves as feedback for the internal regulator.
16
LDO2
Output of the LDO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com