Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA7456L Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA7456L
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456L Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA7456L Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7456L Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Sensors
Freescale Semiconductor
13
MMA7456L
Figure 4. Single Pulse Detection
CASE 2: Freefall Detection: X and Y and Z < Pulse Threshold for Time > Latency Time
For freefall detection, set in pulse mode. PDPL in Register $19 =1 for “AND” freefall condition. The Pulse threshold must be set
in Register $1B and the pulse latency time window must also be set using Register $1D. All three axes must remain below the
threshold longer than the time window for the interrupt to trigger.
Figure 5. Freefall Detection in Pulse Mode
$1B: Pulse Detection Threshold Limit Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1B
PDTH[7]
PDTH[6]
PDTH[5]
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
Function
00
00
00
00
Default
$1D: Latency Time Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1D
LT[7]
LT[6]
LT[5]
LT[4]
LT[3]
LT[2]
LT[1]
LT[0]
Function
000000
01
Default
Pulse Detection
Time duration
G
th
G
INT pin
Time
Time
Single Pulse Detection ($19 PDPL=0 indicating motion detection)
Time Window for 2nd pulse $1E TW =0 indicating single pulse
*Note there is up to
1.6ms delay on the
interrupt signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com