Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CLVTARLD Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTARLD Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTARLD Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
101
Package Description
18.2
Mechanical Dimensions of the MPC8572E FC-PBGA
Figure 61 shows the preliminary mechanical dimensions of the MPC8572E FC-PBGA package with full
lid. This is subject to change.
Figure 61. Mechanical Dimensions of the MPC8572E FC-PBGA with Full Lid
NOTES:
1. All dimensions are in millimeters.
2. Dimensions and tolerances per ASME Y14.5M-1994.
3. All dimensions are symmetric across the package center lines unless dimensioned otherwise.
4. Maximum solder ball diameter measured parallel to datum A.
5. Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
6. Parallelism measurement shall exclude any effect of mark on top surface of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com