Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC808 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC808
Description  High-Speed Switching Composite Diode Cathode Common
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC808 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC808 Datasheet HTML 1Page - Sanyo Semicon Device FC808 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22898HA (KT)/O3196GI/82093YH (KOTO) X-7219 No.4338-1/2
FC808
Ordering number :EN4338A
High-Speed Switching Composite Diode
(Cathode Common)
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Epitaxial Plannar Type
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
Rt
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
1
=2
7
.
00
.
1V
IF
A
m
0
0
1
=2
9
.
02
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
5
=
1
.
0A
µ
VR
V
0
8
=
5
.
0A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
=0
.
40
.
7F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
IF
V
,
A
m
0
1
=
R
R
,
V
6
=
L 5
=
Ω
p
r
I
1
.
0
=
r
r
I
,0
.
5s
n
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
5
8V
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
8V
t
n
e
r
r
u
C
e
g
r
u
SI
M
S
F
*
s
m
0
1
2A
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AI *
O
0
0
1A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI
*
M
F
0
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A*
P
0
0
2W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Note) The specifications shown above are for each individual diode.
· Marking:808
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1250A
[FC808]
1:Anode
2:Anode
3:Anode
4:Cathode
5:Anode
SANYO:CP5
Electrical Characteristics at Ta = 25˚C
Reverse Recovery Time Test Circuit
Electrical Connection
˚C
˚C
Features
· Composite type with 4 diodes contained in the CP
package currently in use, saving the mounting space
greatly.
· Fast switching speed.
Note) *:Unit rating. The total rating is 150% of the unit rating.
1:Anode
2:Anode
3:Anode
4:Cathode
5:Anode


Similar Part No. - FC808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
Composite Diode for High-Speed Switching Applications
FC802 SANYO-FC802 Datasheet
42Kb / 2P
Composite Diode for High-Speed Switching Applications
logo
Positronic.
FC8020D2 POSITRONIC-FC8020D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2AL POSITRONIC-FC8022D2AL Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2CH POSITRONIC-FC8022D2CH Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results

Similar Description - FC808

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV73 PHILIPS-BAV73 Datasheet
47Kb / 8P
Dual high-speed switching diode in common cathode configuration
1997 May 06
logo
Sanyo Semicon Device
FC807 SANYO-FC807 Datasheet
46Kb / 2P
High-Speed Switching Composite Diode Anode Common
FC903 SANYO-FC903 Datasheet
21Kb / 2P
High-Speed Switching Composite Diode
logo
Siemens Semiconductor G...
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Zetex Semiconductors
FMMD6100 ZETEX-FMMD6100 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD2837 ZETEX-FMMD2837 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
BAV74 ZETEX-BAV74 Datasheet
120Kb / 3P
SOT23 HIGH SPEED SWITCHING DIODE PAIR COMMON CATHODE
logo
Nexperia B.V. All right...
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
Dual common cathode high-speed switching diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com