Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9060LSR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF9060LSR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9060LSR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF9060LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MRF9060LSR1
5
RF Device Data
Freescale Semiconductor
Figure 2. 930 - 960 MHz Broadband Test Circuit Component Layout
WB1
C1
C2
C3
C4
C6
C7
C9
C8
C10
C5
C11
C12
C14
C13
C15 C16
C17
L1
L2
B1
B2
Rev−02
900 MHz
VDD
VGG
MRF9060
WB2
INPUT
OUTPUT
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com