Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102RM Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MSC8102RM
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Power Signals
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
1-3
1.1 Power Signals
1.2 Clock Signals
1.3 Reset and Configuration Signals
Table 1-2.
Power and Ground Signal Inputs
Signal Name
Description
VDD
Internal Logic Power
VDD dedicated for use with the device core. The voltage should be well-regulated and the input should be provided with an
extremely low impedance path to the VDD power rail.
VDDH
Input/Output Power
This source supplies power for the I/O buffers. The user must provide adequate external decoupling capacitors.
VCCSYN
System PLL Power
VCC dedicated for use with the system Phase Lock Loop (PLL). The voltage should be well-regulated and the input should
be provided with an extremely low impedance path to the VCC power rail.
GND
System Ground
An isolated ground for the internal processing logic and I/O buffers. This connection must be tied externally to all chip
ground connections, except GNDSYN. The user must provide adequate external decoupling capacitors.
GNDSYN
System PLL Ground
Ground dedicated for system PLL use. The connection should have an extremely low-impedance path to ground.
Table 1-3.
Clock Signals
Signal Name
Type
Signal Description
CLKIN
Input
Clock In
Primary clock input to the MSC8102 PLL.
CLKOUT
Output
Clock Out
The bus clock.
DLLIN
Input
DLLIN
Synchronizes the internal clocks with an external device.
Note:
When the DLL is disabled, pull this pin low (GND).
Table 1-4.
Reset and Configuration Signals
Signal Name
Type
Signal Description
PORESET
Input
Power-On Reset
When asserted, this line causes the MSC8102 to enter power-on reset state.
RSTCONF
Input
Reset Configuration1
Used during reset configuration sequence of the chip. A detailed explanation of its function is provided in the
MSC8102 Reference Manual. This signal is sampled upon deassertion of PORESET.
HRESET
Input/
Output
Hard Reset
When asserted as an input, this signal causes the MSC8102 to enter the hard reset state. When the device is
in a hard reset state, it drives the signal as an open-drain output.
SRESET
Input/
Output
Soft Reset
When asserted as an input, this signal causes the MSC8102 to enter the soft reset state. When the device is
in a soft reset state, it drives the signal as an open-drain output.
Note:
When PORESET is deasserted, the MSC8102 also samples the following signals:
• BM[0–2]—Selects the boot mode.
• MODCK[1–2]—Selects the clock configuration.
• SWTE—Enables the software watchdog timer.
• DSISYNC, DSI64, CNFGS, and CHIP_ID[0–3]—Configures the DSI.
Refer to Table 1-5 for details on these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com