Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22671 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM22671
Description  500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22671 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM22671 Datasheet HTML 1Page - National Semiconductor (TI) LM22671 Datasheet HTML 2Page - National Semiconductor (TI) LM22671 Datasheet HTML 3Page - National Semiconductor (TI) LM22671 Datasheet HTML 4Page - National Semiconductor (TI) LM22671 Datasheet HTML 5Page - National Semiconductor (TI) LM22671 Datasheet HTML 6Page - National Semiconductor (TI) LM22671 Datasheet HTML 7Page - National Semiconductor (TI) LM22671 Datasheet HTML 8Page - National Semiconductor (TI) LM22671 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of device reliability
and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated in
the recommended Operating Ratings is not implied. The recommended Operating Ratings indicate conditions at which the device is functional and should not be
operated beyond such conditions.
Note 2: The absolute maximum specification of the ‘SW to GND’ applies to DC voltage. An extended negative voltage limit of -10V applies to a pulse of up to 50
ns.
Note 3: ESD was applied using the human body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 4: Typical values represent most likely parametric norms at the conditions specified and are not guaranteed.
Note 5: Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 6: The value of
θ
JA for the PSOP-8 exposed pad (MR) package of 60°C/W is valid if package is mounted to 1 square inch of copper. The θJA value can
range from 42 to 115°C/W depending on the amount of PCB copper dedicated to heat transfer.
Typical Performance Characteristics Unless otherwise specified the following conditions apply: Vin =
12V, T
J = 25°C.
Efficiency vs I
OUT and VIN
V
OUT = 3.3V
30076827
Normalized Switching Frequency vs Temperature
30076804
Current Limit vs Temperature
30076803
Normalized R
DS(ON) vs Temperature
30076808
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com