Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2106 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2106
Description  HIGH AND LOW SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2106 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2106 Datasheet HTML 7Page - International Rectifier IR2106 Datasheet HTML 8Page - International Rectifier IR2106 Datasheet HTML 9Page - International Rectifier IR2106 Datasheet HTML 10Page - International Rectifier IR2106 Datasheet HTML 11Page - International Rectifier IR2106 Datasheet HTML 12Page - International Rectifier IR2106 Datasheet HTML 13Page - International Rectifier IR2106 Datasheet HTML 14Page - International Rectifier IR2106 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IR2106(4) (S)
www.irf.com
11
0
1
2
3
4
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
Max.
0
1
2
3
4
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Typ.
Max.
0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
255075
100
125
Temperature (oC)
Fi
11A L
L
l O t
t
Typ.
Max.
0
0.3
0.6
0.9
1.2
1.5
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Typ.
Max.
Figure 10A. High Level Output Voltage
vs. Temperature
Figure 10B. High Level Output Voltage
vs. Supply Voltage
Figure 11A. Low Level Output Voltage
vs. Temperature
Figure 11B. Low Level Output Voltage
vs. Supply Volta
ge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com