Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT5200 Datasheet(PDF) 2 Page - ADTech

Part # ADT5200
Description  Infrared light detector with digital output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT5200 Datasheet(HTML) 2 Page - ADTech

  ADT5200 Datasheet HTML 1Page - ADTech ADT5200 Datasheet HTML 2Page - ADTech ADT5200 Datasheet HTML 3Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.ad
http://www.ad--tech.co.kr
tech.co.kr
www.ad-tech.co.kr
ADT5200/01
F-ADT-ADA-004 -04-R0
Photo IC (DC type)
Functional Block Diagram
AMP
VOL. REG.
GND
OUT
VCC
Electrical Characteristics ( ADT5200, Ta=25℃, Vcc=5.0V )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
-
V
mA
V
Low level output voltage
VOL
EV=0 Lx, IOL=16mA
-
-
0.4
V
Peak wavelength
λP
-
940
-
nm
L
H Propagation delay time
TPLH
EV=100 Lx, RL=10KΩ
-
2
3
㎲
H
L Propagation delay time
TPHL
EV=0 Lx, RL=10KΩ
-
4
5
㎲
Rise time
TR
EV=100 Lx, RL=10KΩ
-
300
600
㎱
Fall time
TF
EV=0 Lx, RL=10KΩ
-
30
60
㎱
Operation frequency
f
RL=10KΩ
3
KHz
4.5
-
Operating supply voltage
VCC
-
4.5
5.5
Supply current
ICC
EV=0 Lx
3.5
6
High level output voltage
VOH
EV=100 Lx, RL*1=10KΩ
4.8
-
*1. RL is linked VCC pad to OUT pad



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com