Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP402 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP402
Description  Very High-Speed Switching Applicaitons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP402 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP402 Datasheet HTML 1Page - Sanyo Semicon Device FP402 Datasheet HTML 2Page - Sanyo Semicon Device FP402 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/41095TS (KOTO) TA-0099 No.5048-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN5048
FP402
N-Channel MOS Silicon FET
Very High-Speed
Switching Applicaitons
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
S
-
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
2V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
2
=
S
G
0
=0
0
1A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
2
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=8
.
00
.
2V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FY
|
s
f |V S
D
I
,
V
0
1
=
D
A
m
0
0
5
=6
.
00
.
1S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
SR
)
n
o
(
S
D
ID
V
,
A
m
0
0
5
=
S
G
V
0
1
=0
5
30
8
4m
Ω
R
)
n
o
(
S
D
ID
V
,
A
m
0
0
5
=
S
G
V
4
=0
5
50
5
7m
Ω
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=5
4F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=5
1F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S8
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
3s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
1
=
S
G
0
=0
.
1V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
2V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
5
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
1A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
4A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
0
.
2W
PD
8
.
0W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
1
.
1W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2102A
[FP402]
Features
· Low ON resistance.
· Very high-speed switching.
· Complex type with 2 low-voltage-drive N-channel
MOSFETs facilitating high-density mounting.
Electrical Connection
Marking:402
˚C
Mounted on ceramic board (250mm2
×0.8mm) 1 unit
˚C
Electrical Characteristics at Ta=25˚C
Mounted on ceramic board (250mm2
×0.8mm)
1:Gate
2:Drain
3:Source
4:Drain
5:Gate
6:Drain
7:Drain
SANYO:PCP5
(Bottom view)
1:Gate
2:Drain
3:Source
4:Drain
5:Gate
6:Drain
7:Drain
(Top view)
Tc=25˚C, 1 unit
PW
≤10µs, duty cycle ≤1%


Similar Part No. - FP402

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP40-1200 TRIAD-FP40-1200 Datasheet
97Kb / 1P
PC Mount: Flat Pack
FP40-150 TRIAD-FP40-150 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP40-300 TRIAD-FP40-300 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP40-60 TRIAD-FP40-60 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP40-600 TRIAD-FP40-600 Datasheet
53Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - FP402

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ187 SANYO-2SJ187 Datasheet
85Kb / 3P
Very High-Speed Switching Applications
2SJ259 SANYO-2SJ259 Datasheet
89Kb / 3P
Very High-Speed Switching Applications
2SJ265 SANYO-2SJ265 Datasheet
84Kb / 3P
Very High-Speed Switching Applications
2SJ276 SANYO-2SJ276 Datasheet
85Kb / 3P
Very High-Speed Switching Applications
2SJ284 SANYO-2SJ284 Datasheet
73Kb / 3P
Very High-Speed Switching Applications
2SJ285 SANYO-2SJ285 Datasheet
72Kb / 3P
Very High-Speed Switching Applications
2SJ287 SANYO-2SJ287 Datasheet
81Kb / 3P
Very High-Speed Switching Applications
2SJ320 SANYO-2SJ320 Datasheet
82Kb / 3P
Very High-Speed Switching Applications
2SJ337 SANYO-2SJ337 Datasheet
88Kb / 3P
Very High-Speed Switching Applications
logo
STMicroelectronics
STL106D STMICROELECTRONICS-STL106D Datasheet
117Kb / 8P
Very high switching speed
10-Mar-2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com