Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT5-256AP3 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VT5-256AP3
Description  Through hole VC-TCXO Clipped sine wave Low phase noise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT5-256AP3 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VT5-256AP3 Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT5-254AP & VT5-256AP
Through hole VC-TCXO
Clipped sine wave
2002/95/EC RoHS compliant
02 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, instrumentation, broadcast
Frequency range up to 200 MHz
Tight frequency stability vs. temperature
Low phase noise
Specification
Parameter
VT5-254AP3 & VT5-256AP3
VT5-254AP5 & VT5-256AP5
Frequency range
9.6 ~ 200 MHz
Standard frequencies
10.00, 12.80, 15.36, 16.384, 20.00, 26.00 & 27.00 MHz
Frequency stability:
vs. temperature
≤ ±0.5 ~ ±2.5 ppm
vs. supply & load change
≤ ±0.2 ppm
±5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±0.5 ppm
@ +25 °C
Supply voltage
+3.3 V
±5 %
+5.0 V
±5 %
Supply current
1.5 ~ 20 mA
Output signal
> 1.0 Vp-p
clipped sine wave
Output load
10 k
Ω // 10 pF
Frequency pulling range
±5 ~ ±40 ppm
Voltage control
+1.65 V
±1.50 V
+2.5 V
±2.0 V
Frequency adjustment
> ± 5ppm
with internal trimmer
Phase noise @ 20.0 MHz carrier frequency
-140 dBc/Hz
@
1 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tray
50 pieces
Customer specifications on request
VT5-254AP
Without Case pin
more common
Pin function
# 1 Vc Voltage control
# 7 GND
# 8 Output
#14 Vdc
VT5-256AP
With Case pin
Do not design any conductive path between the pattern


Similar Part No. - VT5-256AP3

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT5-256AL QUARTZCOM-VT5-256AL Datasheet
122Kb / 1P
Frequency range up to 200 MHz Low phase noise
VT5-256AL3 QUARTZCOM-VT5-256AL3 Datasheet
122Kb / 1P
Frequency range up to 200 MHz Low phase noise
VT5-256AL5 QUARTZCOM-VT5-256AL5 Datasheet
122Kb / 1P
Frequency range up to 200 MHz Low phase noise
More results

Similar Description - VT5-256AP3

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXE-205A QUARTZCOM-TXE-205A Datasheet
169Kb / 1P
Through hole TCXO Clipped sine wave Low phase noise
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VTE-205A QUARTZCOM-VTE-205A Datasheet
90Kb / 1P
Through hole VC-TCXO Clipped sine wave Low phase noise
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com