Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C642/C643 Datasheet(PDF) 12 Page - Kemet Corporation

Part # C642/C643
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C642/C643 Datasheet(HTML) 12 Page - Kemet Corporation

Back Button C642/C643 Datasheet HTML 6Page - Kemet Corporation C642/C643 Datasheet HTML 7Page - Kemet Corporation C642/C643 Datasheet HTML 8Page - Kemet Corporation C642/C643 Datasheet HTML 9Page - Kemet Corporation C642/C643 Datasheet HTML 10Page - Kemet Corporation C642/C643 Datasheet HTML 11Page - Kemet Corporation C642/C643 Datasheet HTML 12Page - Kemet Corporation C642/C643 Datasheet HTML 13Page - Kemet Corporation C642/C643 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
46
CERAMIC LEADED
PACKAGING INFORMATION
Ceramic Axial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally
Coated Axial Leaded Ceramic Capacitors for automatic insertion
or lead forming machines per EIA specification RS-296. KEMET’s
internal specification four-digit suffix, 7200, is placed at the end of
the part number to designate tape and reel packaging, ie:
C410C104Z5U5CA7200.
Paper (50 lb.) test minimum is inserted between the layers of
capacitors wound on reels for component pitch
≤ 0.400”.
Capacitor lead length may extend only a maximum of .0625”
(1.59mm) beyond the tapes’ edges. Capacitors are centered in a
row between the two tapes and will deviate only ± 0.031
(0.79mm) from the row center. A minimum of 36” (91.5 cm) leader
tape is provided at each end of the reel capacitors. Universal
splicing clips are used to connect the tape. Standard reel
quantities are shown on page 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com