Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C340 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C340
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C340 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C340 Datasheet HTML 5Page - Kemet Corporation C340 Datasheet HTML 6Page - Kemet Corporation C340 Datasheet HTML 7Page - Kemet Corporation C340 Datasheet HTML 8Page - Kemet Corporation C340 Datasheet HTML 9Page - Kemet Corporation C340 Datasheet HTML 10Page - Kemet Corporation C340 Datasheet HTML 11Page - Kemet Corporation C340 Datasheet HTML 12Page - Kemet Corporation C340 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
23
5001k
1.5k
2k
3k
5001k
1.5k
2k
3k
5001k
1.5k
2k
3k
5001k
1.5k2k
2.5k3k
5001k
1.5k2k
2.5k
3k
1.0pF
109
C,D
1.5
159
C,D
2.2
229
C,D
2.7
279
C,D
3.3
339
C,D
3.9
C,D
4.7
479
C,D
5.6
569
C,D
6.8
C,D
8.2
C,D
10
100
J,K,M
12
120
J,K,M
15
150
J,K,M
18
180
J,K,M
22
220
J,K,M
27
270
J,K,M
33
330
J,K,M
39
390
J,K,M
47
470
J,K,M
56
560
J,K,M
68
680
J,K,M
82
820
J,K,M
100
101
J,K,M
120
121
J,K,M
150
151
J,K,M
180
181
J,K,M
220
221
J,K,M
270
271
J,K,M
330
331
J,K,M
390
391
J,K,M
470
471
J,K,M
560
561
J,K,M
681
J,K,M
820
821
J,K,M
1000
102
J,K,M
1200
122
J,K,M
1500
152
J,K,M
1800
182
J,K,M
2200
222
J,K,M
2700
272
J,K,M
3300
332
J,K,M
3900
392
J,K,M
4700
472
J,K,M
5600
562
J,K,M
6800
682
J,K,M
8200
822
J,K,M
.010uF
103
J,K,M
.012
123
J,K,M
.015
153
J,K,M
.018
183
J,K,M
.022
223
J,K,M
.027
273
J,K,M
.033
333
J,K,M
.039
393
J,K,M
.047
473
J,K,M
.056
563
J,K,M
.068
683
J,K,M
.082
823
J,K,M
.10
104
J,K,M
C
D
V
WC
D
V
W
C617
)
3
,
2
=
X
()
8
,
7
=
X
(
C62X
C62X
Cap
Code
Cap
C
D
V
W
C
D
V
WC
D
V
W
X
3
6
CX
3
6
C
(X=0,1)
(X=7, 8)
Style
Cap
Tol
Goldmax HV C6XX Series Special Lead Spacing per M49467 -
C0G
680
399
689
829
RATINGS & PART NUMBER REFERENCE — C0G/NP0
CERAMIC CONFORMALLY COATED/RADIAL
HIGH VOLTAGE “GOLD MAX”
Note: C6xx Series are commercial parts that meet special lead spacing requirements per MIL-PRF-49467.
Group A inspection per MIL-PRF-49467 is available upon request.
For packaging information, see pages 47 and 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com