Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8375-EVALZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8375-EVALZ
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375-EVALZ Datasheet(HTML) 1 Page - Analog Devices

  AD8375-EVALZ Datasheet HTML 1Page - Analog Devices AD8375-EVALZ Datasheet HTML 2Page - Analog Devices AD8375-EVALZ Datasheet HTML 3Page - Analog Devices AD8375-EVALZ Datasheet HTML 4Page - Analog Devices AD8375-EVALZ Datasheet HTML 5Page - Analog Devices AD8375-EVALZ Datasheet HTML 6Page - Analog Devices AD8375-EVALZ Datasheet HTML 7Page - Analog Devices AD8375-EVALZ Datasheet HTML 8Page - Analog Devices AD8375-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Distortion IF VGA
AD8375
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth of 630 MHz (−3 dB)
Gain range: −4 dB to +20 dB
Step size: 1 dB ± 0.2 dB
Differential input and output
Noise figure: 8 dB @ maximum gain
Output IP3 of ~50 dBm at 200 MHz
Output P1dB of 19 dBm at 200 MHz
Provides constant SFDR vs. gain
Parallel 5-bit control interface
Power-down feature
Single 5 V supply operation
24-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
Differential ADC drivers
High IF sampling receivers
Wideband multichannel receivers
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
A2
A3
A4
A1
A0
POST-AMP
α
REGISTERS
AND
GAIN DECODER
VPOS
COMM
AD8375
VCOM
VIN+
VIN–
PWUP
OUT+
OUT+
OUT–
OUT–
Figure 1.
GENERAL DESCRIPTION
The AD8375 is a digitally controlled, variable gain, wide
bandwidth amplifier that provides precise gain control, high
IP3, and low noise figure. The excellent distortion performance
and high signal bandwidth make the AD8375 an excellent gain
control device for a variety of receiver applications.
Using an advanced high speed SiGe process and incorporating
proprietary distortion cancellation techniques, the AD8375
achieves 50 dBm output IP3 at 200 MHz.
The AD8375 provides a broad 24 dB gain range with 1 dB
resolution. The gain is adjusted through a 5-pin control interface
and can be driven using standard TTL levels. The open-collector
outputs provide a flexible interface, allowing the overall signal
gain to be set by the loading impedance. Thus, the signal
voltage gain is directly proportional to the load.
The AD8375 is powered on by applying the appropriate logic
level to the PWUP pin. The quiescent current of the AD8375 is
typically 130 mA. When powered down, the AD8375 consumes
less than 5 mA and offers excellent input-to-output isolation.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the AD8375 is supplied in a compact, thermally enhanced,
4 mm × 4 mm, 24-lead LFCSP package and operates over the
temperature range of −40°C to +85°C.
–40
–60
–50
–70
–90
–80
–100
–110
65
55
60
50
40
45
35
30
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
OIP3
HD2
HD3
Figure 2. Harmonic Distortion and Output IP3 vs. Frequency


Similar Part No. - AD8375-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
237Kb / 6P
24dB Range, 1dB Step Size Programmable VGA
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
More results

Similar Description - AD8375-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8376 AD-AD8376 Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8375 AD-AD8375_15 Datasheet
716Kb / 24P
Ultralow Distortion IF VGA
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
Apr-2018
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com