Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C642/C643 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C642/C643
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C642/C643 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C642/C643 Datasheet HTML 4Page - Kemet Corporation C642/C643 Datasheet HTML 5Page - Kemet Corporation C642/C643 Datasheet HTML 6Page - Kemet Corporation C642/C643 Datasheet HTML 7Page - Kemet Corporation C642/C643 Datasheet HTML 8Page - Kemet Corporation C642/C643 Datasheet HTML 9Page - Kemet Corporation C642/C643 Datasheet HTML 10Page - Kemet Corporation C642/C643 Datasheet HTML 11Page - Kemet Corporation C642/C643 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
15
DIMENSIONS
INCHES (MILLIMETERS)
For packaging information, see pages 47 and 48.
ORDERING INFORMATION
Drawings are not to scale. See table below for dimensions. See page 16 for optional lead configurations.
(1) Lead configuration depends on capacitance value. (2) H dimensions does not include meniscus.
STANDARD LEAD CONFIGURATION
OUTLINE DRAWINGS
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLD MAX”
Case
Size
L
Max.
H.
Max.
Standard
T Max.
High Voltage
T Max.
S(1)
±.030 (.78)
LD
+.004(.10)
-.001(.025)
LL
Min.
C315
0.150 (3.81)
0.210 (5.33)
0.100 (2.54)
0.150 (3.81)
0.100 (2.54)
0.020 (.51)
0.276 (7.00)
C317
0.150 (3.81)
0.230 (5.84)
0.100 (2.54)
0.150 (3.81)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C320
0.200 (5.08)
0.260 (6.60)
0.125 (3.18)(2)
0.200 (5.08)
0.100 (2.54)
0.020 (.51)
0.276 (7.00)
C322
0.200 (5.08)
0.260 (6.60)
0.125 (3.18)
0.200 (5.08)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C323
0.200 (5.08)
0.320 (8.13)
0.125 (3.18)
0.200 (5.08)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C330
0.300 (7.62)
0.360 (9.14)
0.150 (3.81)
0.250 (6.35)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C333
0.300 (7.62)
0.390 (9.91)
0.150 (3.81)
0.250 (6.35)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C340
0.400 (10.16)
0.460 (11.68)
0.150 (3.81)
0.270 (6.86)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C350
0.500 (12.70)
0.560 (14.22)
0.200 (5.08)
0.270 (6.86)
0.400 (10.16)
0.025 (.64)
0.276 (7.00)
Note: 1 inch = 25.4mm.
Note (1): Measured at seating plane.
Note (2): Thickness = 0.16" (4.064mm) for C320 from 4.7 - 10.0 F.
(1)
(1)
C 320 C 102 M 1 R 5 T A
CERAMIC
CASE SIZE
See TableAbove
SPECIFICATION
C – Standard
CAPACITANCE PICOFARAD CODE
Expressed in picofarads (pF). First two
digits represent significant figures. Third
digit specifies number of zeros. Use 9 for
1.0 thru 9.9 pF. Example 2.2pF = 229
CAPACITANCE TOLERANCE
C0G: C – ±0.25pF; D – ±0.5pF; F – ±1%;
G – ±2%; J – ±5%,
X7R: K – ±10%; M – ±20%; P – 0, -100%;
Z – -20,+80%
Z5U: M – ±20%; P – 0, -100%; Z – -20,+80%
RATED VOLTAGE (DC)
3 – 25
D – 1000
5 – 50
F – 1500
1 – 100
G – 2000
2 – 200
Z – 2500
A– 250
H – 3000
C – 500
FAILURE RATE
A– NotApplicable
LEAD MATERIAL
T – 100% Tin (Sn)
H – 60/40% Tin/Lead (SnPb)
INTERNAL CONSTRUCTION
5 – Multilayer
DIELECTRIC
EIADesignation
G – C0G (NP0) - Ultra Stable
R – X7R - Stable
U – Z5U - General Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com