Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6901Q Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Sensors
Freescale Semiconductor
13
MMA690xQ
Figure 2-4 Voltage Monitoring
2.3
OSCILLATOR
An internal oscillator operating at a nominal frequency of 4.0 MHz provides a stable clock source. The oscillator is factory
trimmed for best performance. A clock generator block divides the 4.0 MHz clock as needed by other blocks.
2.4
CREG MONITOR
A monitor circuit is incorporated to ensure predictable operation of the device in the event that the connection to the external
capacitor at the CREG pin (pin 8) fails, or the capacitor opens. The monitor disables the 2.5 V regulator which powers the digital
circuitry for 2.0
μs every 249.5 μs. If the external capacitor is not present, voltage at the internal supply rail will drop below the
internal reset threshold, continuously forcing the device into reset. Loss of communication from the device is a readily detectable
condition. The XOUT and YOUT pins are driven to the low rail when the device is in the reset state.
2.5
CLOCK MONITOR
Two independent oscillators are provided within MMA690xQ. One is factory-trimmed and provides the timing reference used
throughout the device. The second oscillator acts as a reference for the first. If the frequency of these two oscillators varies by
more than 10%, an oscillator fault condition is determined. In normal operating mode, an oscillator fault will cause the DOUT pin
to be forced to a continuous logic high state when CS is asserted, as described in Section 3.1.1.2.
POR
VCC
VREGA
VBG
VREG
VREF
VBGA
REFER TO SECTION 5.3 FOR
POWER-ON RESET THRESHOLD
LIMITS.
+
-
+
-
+
-
+
-
VOLTAGE
DIVIDER
VOLTAGE
DIVIDER
VOLTAGE
DIVIDER
VOLTAGE
DIVIDER
+
-
VOLTAGE
DIVIDER
+
-
VOLTAGE
DIVIDER
OV
UV
UV
UV
OV
OV
+
-
VOLTAGE
DIVIDER
UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com