Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8151SVT1000B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MSC8151SVT1000B
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151SVT1000B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MSC8151SVT1000B Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
3
Figure 1. MSC8151 Block Diagram
Figure 2. StarCore SC3850 DSP Subsystem Block Diagram
JTAG
RMU
Note: The arrow direction indicates master or slave.
DDR Interface 64/32-bit
I/O-Interrupt
Concentrator
UART
Clocks
Timers
Reset
Semaphores
Other
DDR
CLASS
High-Speed Serial Interface
Modules
QUICCEngine
Four TDMs 256-Channels each
x1/x4 3.125 Gbaud
Boot ROM
I2C
Virtual
Interrupts
Controller
SPI
DMA
Serial
DMA
Serial
MAPLE-B
x1/x4 3.125 Gbaud
One DSP core at 1 GHz
Turbo/
SGMII
Viterbi
FFT/
IFFT
DFT/
IDFT
Two SGMII
RGMII RGMII
M3 Memory
1056 Kbyte
PCI-EX x1/x2/x4
Subsystem
Dual RISC Processors
Ethernet
Ethernet
SPI
SC3850
DSP Core
512 Kbyte
32 Kbyte 32 Kbyte
L1
ICache
L1
DCache
L2 Cache / M2 Memory
RapidIO RapidIO
DDR Interface 64/32-bit
DDR
Controller
PCI
Expr
SerDes 1
SerDes 2
x2
Two SGMII
32 Kbyte
Address
Translation
Task
Protection
32 Kbyte
(WTB)
(WBB)
EPIC
Interrupts
P-bus 128 bit
Xa-bus 64 bit
Xb-bus 64-bit
DQBus
Debug Support
OCE30
512 Kbyte L2 Cache / M2 Memory
MMU
Timer
128 bits master
IQBus
DPU
SC3850
Core
TWB
Write-
Through
Buffer
Write-
Back
Buffer
Instruction
Cache
Data
Cache
bus to CLASS
128 bits slave
bus from CLASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com