Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA460 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA460
Description  14 Pin DIP 10 Tap TTL Compatible Active Delay Lines with Leading And Trailing Edge Precision
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA460 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA460 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
with Leading And Trailing Edge Precision
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
5
50
EPA460-50
6
60
EPA460-60
7.5
75
EPA460-75
10
100
EPA460-100
12.5
125
EPA460-125
15
150
EPA460-150
17.5
175
EPA460-175
20
200
EPA460-200
22.5
225
EPA460-225
25
250
EPA460-250
30
300
EPA460-300
35
350
EPA460-350
40
400
EPA460-400
42
420
EPA460-420
44
440
EPA460-440
45
450
EPA460-450
47
470
EPA460-470
50
500
EPA460-500
55
550
EPA460-550
60
600
EPA460-600
65
650
EPA460-650
70
700
EPA460-700
75
750
EPA460-750
80
800
EPA460-800
85
850
EPA460-850
90
900
EPA460-900
95
950
EPA460-950
100
1000
EPA460-1000
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
†
Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Schematic
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
150
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
150
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
Package Dimensions
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
DSA460 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
36
.365
Max.
.100
Typ.
.780 Max.
.280
Max.
PCA
EPA460-50
Date Code
.010
Typ.
.120
Min.
.020
Min.
.250
Max.
.020
Typ.
White Dot
Pin#1
13
3
12
411
5
10
69
8
1
7
INPUT
OUTPUT
GROUND
14 VCC


Similar Part No. - EPA460

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
EPA4027S PCA-EPA4027S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
EPA4047 PCA-EPA4047 Datasheet
40Kb / 1P
ISDN Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
Isolation Transformer
EPA4076G-RC PCA-EPA4076G-RC Datasheet
19Kb / 1P
Isolation Transformer
More results

Similar Description - EPA460

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP8700 PCA-EP8700 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA247-50 PCA-EPA247-50 Datasheet
24Kb / 1P
SMD 14 Pin 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8270-92 PCA-EP8270-92_15 Datasheet
22Kb / 1P
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com