Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4284DV Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4284DV
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284DV Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4284DV Datasheet HTML 15Page - Infineon Technologies AG TLE4284DV Datasheet HTML 16Page - Infineon Technologies AG TLE4284DV Datasheet HTML 17Page - Infineon Technologies AG TLE4284DV Datasheet HTML 18Page - Infineon Technologies AG TLE4284DV Datasheet HTML 19Page - Infineon Technologies AG TLE4284DV Datasheet HTML 20Page - Infineon Technologies AG TLE4284DV Datasheet HTML 21Page - Infineon Technologies AG TLE4284DV Datasheet HTML 22Page - Infineon Technologies AG TLE4284DV Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
19
Rev. 2.1, 2007-03-20
TLE 4284
Load Regulation: Delta Output Voltage
dV
Q versus delta Output Current dIQ
Load Regulation: Delta Output Voltage
dV
Q versus delta Output Current dIQ
Load Regulation: Delta Output Voltage
dV
Q versus delta Output Current dIQ
Line Regulation: Delta Output Voltage
dV
Q versus delta Input Voltage dVI
0
I
Q [mA]
400
600
∆V
Q
[mV]
18_dVQ-dIQ_4V.vsd
-1.5
-2.5
-3.5
-0.5
200
800
1.5
T
j = 25 °C
-4.5
VI = 4V
Tj = -40 °C
T
j = 150 °C
1000
2.6V-Version
(to be scaled linearly for
other Versions)
0
I
Q [mA]
400
600
∆V
Q
[mV]
18_dVQ-dIQ_135V.vsd
-20
-10
0
30
200
800
50
T
j = 25 °C
-10
VI = 13.5V
T
j = -40 °C
1000
2.6V-Version
(to be scaled linearly for
other Versions)
0
I
Q [mA]
400
600
∆V
Q
[mV]
18_dVQ-dIQ_25V.vsd
-20
-10
0
30
200
800
50
T
j = 25 °C
-10
VI = 25V
T
j = -40 °C
1000
2.6V-Version
(to be scaled linearly for
other Versions)
0
V
I [V]
515 20
30 35
∆V
Q
[mV]
19_dVQ-dVI_10m.vsd
15
10
5
20
10
25
45
40
30
T
j = 150 °C
0
Tj = 25 °C
T
j = -40 °C
I
Q = 10mA
2.6V-Version
(to be scaled linearly for
other Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com