Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR21B554JD Datasheet(PDF) 32 Page - Kemet Corporation

Part # CSR21B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B554JD Datasheet(HTML) 32 Page - Kemet Corporation

Back Button CSR21B554JD Datasheet HTML 28Page - Kemet Corporation CSR21B554JD Datasheet HTML 29Page - Kemet Corporation CSR21B554JD Datasheet HTML 30Page - Kemet Corporation CSR21B554JD Datasheet HTML 31Page - Kemet Corporation CSR21B554JD Datasheet HTML 32Page - Kemet Corporation CSR21B554JD Datasheet HTML 33Page - Kemet Corporation CSR21B554JD Datasheet HTML 34Page - Kemet Corporation CSR21B554JD Datasheet HTML 35Page - Kemet Corporation CSR21B554JD Datasheet HTML 36Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
KEMET T262 SERIES
MIL-PRF-39003/09 (CSR21) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
MAX. RIPPLE
KEMET
CAPACITANCE
LEAKAGE
FACTOR
MAX. ESR
CURRENT
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
µA@25°C
%@25°C,
Ω@25°C,
Arms@25°C
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
MAX.
1 kHz
100 kHz
40 kHz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
150.0
C
5
4.5
10
.065
3.3
0001 0101 0201 0301 2001 3001 4001 T262C157J006(1)S
150.0
C
10
4.5
10
.065
3.3
0002 0102 0202 0302 2002 3002 4002 T262C157K006(1)S
150.0
C
20
4.5
10
.065
3.3
0003 0103 0203 0303 2003 3003 4003 T262C157M006(1)S
180.0
C
5
5.5
10
.060
3.4
0004 0104 0204 0304 2004 3004 4004 T262C187J006(1)S
180.0
C
10
5.5
10
.060
3.4
0005 0105 0205 0305 2005 3005 4005 T262C187K006(1)S
270.0
D
5
6.5
10
.050
4.1
0006 0106 0206 0306 2006 3006 4006 T262D277J006(1)S
270.0
D
10
6.5
10
.050
4.1
0007 0107 0207 0307 2007 3007 4007 T262D277K006(1)S
330.0
D
5
7.5
12
.045
4.3
0008 0108 0208 0308 2008 3008 4008 T262D337J006(1)S
330.0
D
10
7.5
12
.045
4.3
0009 0109 0209 0309 2009 3009 4009 T262D337K006(1)S
330.0
D
20
7.5
12
.045
4.3
0010 0110 0210 0310 2010 3010 4010 T262D337M006(1)S
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
82.0
C
5
4.0
8
.085
2.9
0011
0111 0211 0311 2011 3011 4011 T262C826J010(1)S
82.0
C
10
4.0
8
.085
2.9
0012 0112 0212 0312 2012 3012 4012 T262C826K010(1)S
100.0
C
5
5.0
8
.075
3.0
0013 0113 0213 0313 2013 3013 4013 T262C107J010(1)S
100.0
C
10
5.0
8
.075
3.0
0014 0114 0214 0314 2014 3014 4014 T262C107K010(1)S
100.0
C
20
5.0
8
.075
3.0
0015 0115 0215 0315 2015 3015 4015 T262C107M010(1)S
120.0
C
5
6.0
8
.070
3.2
0016 0116 0216 0316 2016 3016 4016 T262C127J010(1)S
120.0
C
10
6.0
8
.070
3.2
0017 0117 0217 0317 2017 3017 4017 T262C127K010(1)S
180.0
D
5
9.0
8
.060
3.7
0018 0118 0218 0318 2018 3018 4018 T262D187J010(1)S
180.0
D
10
9.0
8
.060
3.7
0019 0119 0219 0319 2019 3019 4019 T262D187K010(1)S
220.0
D
5
10.0
10
.055
3.9
0020 0120 0220 0320 2020 3020 4020 T262D227J010(1)S
220.0
D
10
10.0
10
.055
3.9
0021 0121 0221 0321 2021 3021 4021 T262D227K010(1)S
220.0
D
20
10.0
10
.055
3.9
0022 0122 0222 0322 2022 3022 4022 T262D227M010(1)S
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
56.0
C
5
4.0
6
.100
2.6
0023 0123 0223 0323 2023 3023 4023 T262C566J015(1)S
56.0
C
10
4.0
6
.100
2.6
0024 0124 0224 0324 2024 3024 4024 T262C566K015(1)S
68.0
C
5
5.0
6
.095
2.7
0025 0125 0225 0325 2025 3025 4025 T262C686J015(1)S
68.0
C
10
5.0
6
.095
2.7
0026 0126 0226 0326 2026 3026 4026 T262C686K015(1)S
68.0
C
20
5.0
6
.095
2.7
0027 0127 0227 0327 2027 3027 4027 T262C686M015(1)S
120.0
D
5
9.0
8
.070
3.5
0028 0128 0228 0328 2028 3028 4028 T262D127J015(1)S
120.0
D
10
9.0
8
.070
3.5
0029 0129 0229 0329 2029 3029 4029 T262D127K015(1)S
150.0
D
5
10.0
8
.065
3.6
0030 0130 0230 0330 2030 3030 4030 T262D157J015(1)S
150.0
D
10
10.0
8
.065
3.6
0031 0131 0231 0331 2031 3031 4031 T262D157K015(1)S
150.0
D
20
10.0
8
.065
3.6
0032 0132 0232 0332 2032 3032 4032 T262D157M015(1)S
20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C
27.0
C
5
2.5
5
.145
2.2
0033 0133 0233 0333 2033 3033 4033 T262C276J020(1)S
27.0
C
10
2.5
5
.145
2.2
0034 0134 0234 0334 2034 3034 4034 T262C276K020(1)S
33.0
C
5
3.5
5
.130
2.3
0035 0135 0235 0335 2035 3035 4035 T262C336J020(1)S
33.0
C
10
3.5
5
.130
2.3
0036 0136 0236 0336 2036 3036 4036 T262C336K020(1)S
33.0
C
20
3.5
5
.130
2.3
0037 0137 0237 0337 2037 3037 4037 T262C336M020(1)S
39.0
C
5
4.0
5
.120
2.4
0038 0138 0238 0338 2038 3038 4038 T262C396J020(1)S
39.0
C
10
4.0
5
.120
2.4
0039 0139 0239 0339 2039 3039 4039 T262C396K020(1)S
47.0
C
5
4.5
6
.110
2.5
0040 0140 0240 0340 2040 3040 4040 T262C476J020(1)S
47.0
C
10
4.5
6
.110
2.5
0041 0141 0241 0341 2041 3041 4041 T262C476K020(1)S
47.0
C
20
4.5
6
.110
2.5
0042 0142 0242 0342 2042 3042 4042 T262C476M020(1)S
56.0
D
5
5.5
6
.100
2.9
0043 0143 0243 0343 2043 3043 4043 T262D566J020(1)S
56.0
D
10
5.5
6
.100
2.9
0044 0144 0244 0344 2044 3044 4044 T262D566K020(1)S
68.0
D
5
7.0
6
.095
3.0
0045 0145 0245 0345 2045 3045 4045 T262D686J020(1)S
68.0
D
10
7.0
6
.095
3.0
0046 0146 0246 0346 2046 3046 4046 T262D686K020(1)S
68.0
D
20
7.0
6
.095
3.0
0047 0147 0247 0347 2047 3047 4047 T262D686M020(1)S
82.0
D
5
8.0
6
.085
3.1
0048 0148 0248 0348 2048 3048 4048 T262D826J020(1)S
82.0
D
10
8.0
6
.085
3.1
0049 0149 0249 0349 2049 3049 4049 T262D826K020(1)S
100.0
D
5
10.0
8
.075
3.3
0050 0150 0250 0350 2050 3050 4050 T262D107J020(1)S
100.0
D
10
10.0
8
.075
3.3
0051 0151 0251 0351 2051 3051 4051 T262D107K020(1)S
100.0
D
20
10.0
8
.075
3.3
0052 0152 0252 0352 2052 3052 4052 T262D107M020(1)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T262 (CSR21) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
35
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/9D
EXPONENTIAL
MIL-PRF-39003/9D
GRADED
(1) To complete the T262 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com