Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4471G Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4471G
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471G Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4471G Datasheet HTML 14Page - Infineon Technologies AG TLE4471G Datasheet HTML 15Page - Infineon Technologies AG TLE4471G Datasheet HTML 16Page - Infineon Technologies AG TLE4471G Datasheet HTML 17Page - Infineon Technologies AG TLE4471G Datasheet HTML 18Page - Infineon Technologies AG TLE4471G Datasheet HTML 19Page - Infineon Technologies AG TLE4471G Datasheet HTML 20Page - Infineon Technologies AG TLE4471G Datasheet HTML 21Page - Infineon Technologies AG TLE4471G Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
18
Rev. 1.6, 2009-02-03
TLE 4471
Figure 6
Adjusting the Reset Threshold
For using the preadjusted reset threshold voltage of typical
V
Q, rth = 4.65 V, the pin RADJ
has to be connected to GND.
If a lower reset threshold is required by the system, a voltage divider defines the reset
threshold
V
Q, rthext between 3.5 V and 4.65 V:
(3)
V
rth,ref is typical 1.35 V.
AES02877
Bandgap
Reference
TLE 4471
Q
I
1
1.36 V
R
RADJ
R
RTH1
R
RTH2
V
rth,ref
V
Qrthext
,
V
rth ref
,
1
R
RTH1
R
RTH2
---------------
+


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com