Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4675 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4675
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4675 Datasheet HTML 16Page - Infineon Technologies AG TLE4675 Datasheet HTML 17Page - Infineon Technologies AG TLE4675 Datasheet HTML 18Page - Infineon Technologies AG TLE4675 Datasheet HTML 19Page - Infineon Technologies AG TLE4675 Datasheet HTML 20Page - Infineon Technologies AG TLE4675 Datasheet HTML 21Page - Infineon Technologies AG TLE4675 Datasheet HTML 22Page - Infineon Technologies AG TLE4675 Datasheet HTML 23Page - Infineon Technologies AG TLE4675 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TLE4675
Reset Function
Data Sheet
20
Rev. 1.0, 2008-09-30
7.2
Electrical Characteristics Reset Function
Electrical Characteristics: Reset Function
V
I = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, direction of currents as shown in Figure 7 (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Undervoltage Reset Comparator Default Values
7.2.1
Output Undervoltage
Reset Lower Switching
Threshold
V
RT,lo
4.6
4.7
4.8
V
V
I = 0 V
V
Q decreasing
7.2.2
Output Undervoltage
Reset Upper Switching
Threshold
V
RT,hi
4.7
4.8
4.9
V
V
I within operating range
V
Q increasing
7.2.3
Output Undervoltage
Reset Switching
Hysteresis
V
RT,hy
50
100
–
mV
V
I within operating range
7.2.4
Output Undervoltage
Reset Headroom
V
RH
250
300
–
mV
Calculated Value:
V
Q - VRT,lo
V
I within operating range
I
Q = 50 mA
Reset Output RO
7.2.5
Reset Output Low Voltage
V
RO,low
–
0.2
0.8
V
V
I = 0V
1V
≤ VQ < VRT,low;
I
RO = 0.3 mA
7.2.6
Reset Output
Sink Current Capability
I
RO,max
0.3
–
–
mA
V
I = 0V;
1V
≤ VQ < VRT,low;
V
RO = 5V
7.2.7
Reset Output
External Pull-up Resistor
to
V
Q
R
RO
3.0
–
–
k
Ω
1V
≤ VQ < VRT;
V
RO ≤ 0.4V
1)
7.2.8
Reset Output
Leakage Current
I
RO,leak
–
5
10
µA
V
RO = 5 V
Reset Delay Timing
7.2.9
Delay Pin Output Voltage
V
D
–
–5V
–
7.2.10
Upper Delay
Switching Threshold
V
DST,hi
–
1.1
–
V
–
7.2.11
Lower Delay
Switching Threshold
V
DST,lo
–
0.3
–
V
–
7.2.12
Delay Capacitor
Charge Current
I
D,ch
–
3.5
–
µA
V
D = 1 V
7.2.13
Delay Capacitor
Reset Discharge Current
I
DR,dsch
–
70
–
mA
V
D = 1 V
7.2.14
Undervoltage Reset Delay
Time
t
d,100nF
16
23
30
ms
Calculated value
;
C
D = 100 nF
2)
C
D discharged to VDST,lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com