Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4675D Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4675D
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675D Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4675D Datasheet HTML 12Page - Infineon Technologies AG TLE4675D Datasheet HTML 13Page - Infineon Technologies AG TLE4675D Datasheet HTML 14Page - Infineon Technologies AG TLE4675D Datasheet HTML 15Page - Infineon Technologies AG TLE4675D Datasheet HTML 16Page - Infineon Technologies AG TLE4675D Datasheet HTML 17Page - Infineon Technologies AG TLE4675D Datasheet HTML 18Page - Infineon Technologies AG TLE4675D Datasheet HTML 19Page - Infineon Technologies AG TLE4675D Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TLE4675
Reset Function
Data Sheet
16
Rev. 1.0, 2008-09-30
7
Reset Function
7.1
Description Reset Function
The reset function contains several features:
Output Undervoltage Reset:
An output undervoltage condition is indicated by setting the reset output “RO” to “low”. This signal might be used
to reset a microcontroller during a low supply voltage condition.
Power-On Reset Delay Time
The power-on reset delay time
t
d,PWR-ON allows a microcontroller and oscillator to start up. This delay time is the
time period from exceeding the upper reset switching threshold
V
RT,hi until the reset is released by switching the
reset output “RO” from “low” to “high”. The power-on reset delay time
t
d,PWR-ON is defined by an external delay
capacitor
C
D connected to pin “D”, which is charged up by the delay capacitor charge current ID,ch starting from
V
D = 0 V.
In case a power-on reset delay time
t
d,PWR-ON different from the value for CD = 100nF is required, the delay
capacitor’s value can be derived from the specified value given in Item 7.2.15:
with
•
t
d,PWR-ON: Desired power-on reset delay time
•
t
d,PWR-ON,100nF: Power-on reset delay time specified in Item 7.2.15
•
C
D: Delay capacitor required
The formula is valid for
C
D ≥ 10nF.For a precise calculation consider also the delay capacitor’s tolerance.
Undervoltage Reset Delay Time
Unlike the power-on reset delay time, the undervoltage reset delay
t
d time considers a short output undervoltage
event, where the delay capacitor
C
D is assumed to be discharged to VD = VDST,lo only before the charging
sequence starts. Therefore, the undervoltage reset delay time
t
d is defined by the delay capacitor charge
current
I
D,ch starting from VD = VDST,lo and the external delay capacitor CD.
A delay capacitor CD for a different undervoltage reset delay time as specified in Item 7.2.14 can be calculated
similar as above:
with
•
t
d: Desired reset delay time
•
t
d,100nF: Reset delay time specified in Item 7.2.14
•
C
D: Delay capacitor required
The formula is valid for
C
D ≥ 10nF.For a precise calculation consider also the delay capacitor’s tolerance.
CD
td,PWR-ON
td,PWR-ON,100nF
----------------------------------- 100
×
nF
=
CD
td
td,100nF
---------------- 100
×
nF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com