Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8154E Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MSC8154E
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154E Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MSC8154E Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8154E Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Package Information
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
65
5
Package Information
NOTES:
1.
ALL DIMENSIONS IN MILLIMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
3.
MAXIMUM SOLDER BALL DIAMETER MEASURE PARALLEL TO DATUM A.
4.
DATUM A, THE SEATING PLANE, IS DETERMINED BY THE SPHERICAL CROWNS OF THE SOLDER
BALLS.
5.
PARALLELISM MEASUREMENT SHALL EXCLUDE ANY EFFECT OF MARK ON TOP SURFACE OF
PACKAGE.
6.
ALL DIMENSIONS ARE SYMMETRIC ACROSS THE PACKAGE CENTER LINES, UNLESS DIMENSIONED
OTHERWISE.
7.
29.2MM MAXIMUM PACKAGE ASSEMBLY (LID + LAMINATE) X AND Y.
Figure 40. MSC8154E Mechanical Information, 783-ball FC-PBGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com