Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8154ESVT1000B Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MSC8154ESVT1000B
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154ESVT1000B Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MSC8154ESVT1000B Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
34
2.5.3.4
DC-Level Requirements for SGMII Configurations
Note:
Specifications are valid at the recommended operating conditions listed in Table 3
Table 15 describes the SGMII SerDes transmitter AC-coupled DC electrical characteristics. Transmitter DC characteristics are
measured at the transmitter outputs (SR[1–2]_TX[n] and SR[1–2]_TX[n]) as shown in Figure 10.
Table 14. Serial RapidIO Receiver DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential input voltage
VIN
200
—
1600
mVp-p
1
Notes:
1.
Measured at receiver.
Table 15. SGMII DC Transmitter Electrical Characteristics5
Parameter
Symbol
Min
Typ
Max
Unit
Notes
DC Input voltage range
—
N/A
—
1
Input differential voltage
LSTS = 0
VRX_DIFFp-p
100
—
1200
mV
2, 4
LSTS = 1
175
—
Loss of signal threshold
LSTS = 0
VLOS
30
—
100
mV
3, 4
LSTS = 1
65
—
175
Receiver differential input impedance
ZRX_DIFF
80
—
120
W
—
Notes:
1.
Input must be externally AC-coupled.
2.
VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage.
3.
The concept of this parameter is equivalent to the Electrical Idle Detect Threshold parameter in the PCI Express interface.
Refer to the PCI Express Differential Receiver (RX) Input Specifications section of the PCI Express Specification document. for
details.
4.
The LSTS shown in the table refers to the LSTSAB or LSTSEF bit fields of the SerDes Control Register.
5.
The supply voltage is 1.0 V.
Figure 10. SGMII Transmitter DC Measurement Circuit
50
Ω
Transmitter
SR[1–2]_TXn
SR[1–2]_TXn
50
Ω
Vos
VOD
SGMII SerDes
Interface
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com