| Electronic Components Datasheet Search |
|
CSR91B565KM Datasheet(PDF) 6 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR91B565KM Datasheet(HTML) 6 Page - Kemet Corporation |
|
6 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C (Cont’d) 6.8 B 5,10,20 T110B685(1)015AS 0.7 6 8.2 B 5,10,20 T110B825(1)015AS 0.7 6 10.0 B 5,10,20 T110B106(1)015AS 1.0 6 12.0 B 5,10,20 T110B126(1)015AS 1.0 6 15.0 B 5,10,20 T110B156(1)015AS 2.0 6 18.0 B 5 T110B186J015AS 2.0 6 5021 5221 5421 5621 6050 7050 8050 T212B186J015(2)S 18.0 B 10 T110B186K015AS 2.0 6 2270 2510 2750 2990 6051 7051 8051 T212B186K015(2)S 18.0 B 20 T110B186M015AS 2.0 6 22.0 B 5 T110B226J015AS 2.0 6 5022 5222 5422 5622 6052 7052 8052 T212B226J015(2)S 22.0 B 10 T110B226K015AS 2.0 6 2271 2511 2751 2991 6053 7053 8053 T212B226K015(2)S 22.0 B 20 T110B226M015AS 2.0 6 2272 2512 2752 2992 6054 7054 8054 T212B226M015(2)S 27.0 C 5,10,20 T110C276(1)015AS 3.0 6 33.0 C 5,10,20 T110C336(1)015AS 3.0 6 39.0 C 5,10,20 T110C396(1)015AS 3.0 6 47.0 C 5,10,20 T110C476(1)015AS 4.0 6 56.0 C 5 T110C566J015AS 4.0 6 5023 5223 5423 5623 6055 7055 8055 T212C566J015(2)S 56.0 C 10 T110C566K015AS 4.0 6 2273 2513 2753 2993 6056 7056 8056 T212C566K015(2)S 56.0 C 20 T110C566M015AS 4.0 6 68.0 C 5 T110C686J015AS 5.0 6 5024 5224 5424 5624 6057 7057 8057 T212C686J015(2)S 68.0 C 10 T110C686K015AS 5.0 6 2274 2514 2754 2994 6058 7058 8058 T212C686K015(2)S 68.0 C 20 T110C686M015AS 5.0 6 2275 2515 2755 2995 6059 7059 8059 T212C686M015(2)S 82.0 D 5,10,20 T110D826(1)015AS 6.0 6 100.0 D 5,10,20 T110D107(1)015AS 6.0 6 120.0 D 5 T110D127J015AS 6.0 6 5025 5225 5425 5625 6060 7060 8060 T212D127J015(2)S 120.0 D 10 T110D127K015AS 6.0 6 2276 2516 2756 2996 6061 7061 8061 T212D127K015(2)S 120.0 D 20 T110D127M015AS 6.0 6 150.0 D 5 T110D157J015AS 8.0 6 5026 5226 5426 5626 6062 7062 8062 T212D157J015(2)S 150.0 D 10 T110D157K015AS 8.0 6 2277 2517 2757 2997 6063 7063 8063 T212D157K015(2)S 150.0 D 20 T110D157M015AS 8.0 6 2278 2518 2758 2998 6064 7064 8064 T212D157M015(2)S 20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C 0.047 A 5,10,20 T110A473(1)020AS 0.1 3 0.056 A 5,10,20 T110A563(1)020AS 0.1 3 0.068 A 5,10,20 T110A683(1)020AS 0.1 3 0.082 A 5,10,20 T110A823(1)020AS 0.1 3 0.1 A 5,10,20 T110A104(1)020AS 0.3 3 0.12 A 5,10,20 T110A124(1)020AS 0.3 3 0.15 A 5,10,20 T110A154(1)020AS 0.3 3 0.18 A 5,10,20 T110A184(1)020AS 0.3 3 0.22 A 5,10,20 T110A224(1)020AS 0.3 3 0.27 A 5,10,20 T110A274(1)020AS 0.3 3 0.33 A 5,10,20 T110A334(1)020AS 0.3 3 0.39 A 5,10,20 T110A394(1)020AS 0.3 3 0.47 A 5,10,20 T110A474(1)020AS 0.3 3 0.56 A 5,10,20 T110A564(1)020AS 0.3 3 0.68 A 5,10,20 T110A684(1)020AS 0.3 3 0.82 A 5,10,20 T110A824(1)020AS 0.3 3 1.0 A 5,10,20 T110A105(1)020AS 0.3 3 1.2 A 5 T110A125J020AS 0.3 4 5027 5227 5427 5627 6065 7065 8065 T212A125J020(2)S 1.2 A 10 T110A125K020AS 0.3 4 2279 2519 2759 2999 6066 7066 8066 T212A125K020(2)S 1.2 A 20 T110A125M020AS 0.3 4 1.5 A 5 T110A155J020AS 0.3 4 5028 5228 5428 5628 6067 7067 8067 T212A155J020(2)S 1.5 A 10 T110A155K020AS 0.3 4 2280 2520 2760 3000 6068 7068 8068 T212A155K020(2)S 1.5 A 20 T110A155M020AS 0.3 4 2281 2521 2761 3001 6069 7069 8069 T212A155M020(2)S 1.8 A 5 T110A185J020AS 0.3 4 5029 5229 5429 5629 6070 7070 8070 T212A185J020(2)S 1.8 A 10 T110A185K020AS 0.3 4 2282 2522 2762 3002 6071 7071 8071 T212A185K020(2)S 1.8 A 20 T110A185M020AS 0.3 4 2.2 A 5 T110A225J020AS 0.4 4 5010 5230 5430 5630 6072 7072 8072 T212A225J020(2)S 2.2 A 10 T110A225K020AS 0.4 4 2283 2523 2763 3003 6073 7073 8073 T212A225K020(2)S 2.2 A 20 T110A225M020AS 0.4 4 2284 2524 2764 3004 6074 7074 8074 T212A225M020(2)S TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 9 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |