Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8156ESVT1000B Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MSC8156ESVT1000B
Description  Six-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156ESVT1000B Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MSC8156ESVT1000B Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
Hardware Design Considerations
MSC8156E Six-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
53
3.1.2
Power-On Ramp Time
This section describes the AC electrical specification for the power-on ramp rate requirements for all voltage supplies (including
GVDD/SXPVDD/SXCVDD/QVDD/GVDD/NVDD, all VDD supplies, MVREF, and all AVDD supplies). Controlling the
power-on ramp time is required to avoid falsely triggering the ESD circuitry. Table 39 defines the power supply ramp time
specification.
3.1.3
Power Supply Guidelines
Use the following guidelines for power-up sequencing:
•
Couple M3VDD with the VDD power rail using an extremely low impedance path.
•
Couple inputs PLL1_AVDD, PLL2_AVDD and PLL3_AVDD with the VDD power rail using an RC filter (see Figure
36).
•
There is no dependency in power-on/power-off sequence between the GVDD1, GVDD2, NVDD, and QVDD power
rails.
•
Couple inputs M1VREF and M2VREF with the GVDD1 and GVDD2 power rails, respectively. They should rise at
the same time as or after their respective power rail.
•
There is no dependency between RapidIO supplies: SXCVDD1, SXCVDD2, SXPVDD1 and SXPVDD2 and other
MSC8156E supplies in the power-on/power-off sequence
•
Couple inputs SR1_PLL_AVDD and SR2_PLL_AVDD with SXCVDD1 and SXCVDD2 power rails, respectively,
using an RC filter (see Figure 37).
External voltage applied to any input line must not exceed the I/O supply voltage related to this line by more than 0.6 V at any
time, including during power-up. Some designs require pull-up voltages applied to selected input lines during power-up for
configuration purposes. This is an acceptable exception to the rule during start-up. However, each such input can draw up to
80 mA per input pin per MSC8156E device in the system during power-up. An assertion of the inputs to the high voltage level
before power-up should be with slew rate less than 4 V/ns.
The device power rails should rise in the following sequence:
1.
VDD (and all coupled supplies)
2.
After the above rails rise to 90% of their nominal voltage, the following I/O power rails may rise in any sequence (see
Figure 33): QVDD, NVDD, GVDD1, and GVDD2.
Table 39. Power Supply Ramp Rate
Parameter
Min
Max
Unit
Required ramp rate.
—
36000
V/s
Required ramp time.
25
50
µs
Notes:
1.
Ramp time is specified as a linear ramp from 10% to 90% of nominal voltage of the specific voltage supply. If the ramp is
non-linear (for example, exponential), the maximum rate of change from 200 to 500 mV is the most critical because this range
might falsely trigger the ESD circuitry.
2.
Required over the full recommended operating temperature range (see Table 3).
Figure 33. Supply Ramp-Up Sequence
VDD, MVDD, M3VDD
90%
NVDD, QVDD, GVDD1, GVDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com