Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8252 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MSC8252
Description  orderDual-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8252 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MSC8252 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Electrical Characteristics
MSC8252 Dual-Core Digital Signal Processor Data Sheet, Rev. 3
Freescale Semiconductor
27
2.5.1.4
DDR Reference Current Draw
Table 9 lists the current draw characteristics for MVREF.
Note:
Values when used at recommended operating conditions (see Table 3).
2.5.2
High-Speed Serial Interface (HSSI) DC Electrical Characteristics
The MSC8252 features an HSSI that includes two 4-channel SerDes ports used for high-speed serial interface applications (PCI
Express, Serial RapidIO interfaces, and SGMII). This section and its subsections describe the common portion of the SerDes
DC, including the DC requirements for the SerDes reference clocks and the SerDes data lane transmitter (Tx) and receiver (Rx)
reference circuits. The data lane circuit specifications are specific for each supported interface, and they have individual
subsections by protocol. The selection of individual data channel functionality is done via the Reset Configuration Word High
Register (RCWHR) SerDes Protocol selection fields (S1P and S2P). Specific AC electrical characteristics are defined in
Section 2.6.2, “HSSI AC Timing Specifications.”
2.5.2.1
Signal Term Definitions
The SerDes interface uses differential signaling to transfer data across the serial link. This section defines terms used in the
description and specification of differential signals. Figure 4 shows how the signals are defined. For illustration purposes only,
one SerDes lane is used in the description. Figure 4 shows the waveform for either a transmitter output (SR[1–2]_TX and
SR[1–2]_TX) or a receiver input (SR[1–2]_RX and SR[1–2]_RX). Each signal swings between A volts and B volts where
A>B.
Table 9. Current Draw Characteristics for MVREF
Parameter / Condition
Symbol
Min
Max
Unit
Current draw for MVREFn
• DDR2 SDRAM
• DDR3 SDRAM
IMVREFn
—
300
250
μA
μA
Figure 4. Differential Voltage Definitions for Transmitter or Receiver
Differential Swing, VID or VOD = A – B
A Volts
B Volts
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2 × VDIFFp (not shown)
SR[1–2]_TX or
SR[1–2]_RX
SR[1–2]_TX or
SR[1–2]_RX
Vcm = (A + B)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com