| Electronic Components Datasheet Search |
|
MSC8254 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8254 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc |
|
60 / 68 page ![]() MSC8254 Quad-Core Digital Signal Processor Data Sheet, Rev. 2 Hardware Design Considerations Freescale Semiconductor 60 3.5.1.2 DDR Interface Is Used With 32-Bit DDR Memory Only Table 41 lists unused pin connection when using 32-bit DDR memory. The 32 most significant data lines are not used. 3.5.1.3 ECC Unused Pin Connections When the error code correction mechanism is not used in any 32- or 64-bit DDR configuration, refer to Table 42 to determine the correct pin connections. Table 41. Connectivity of DDR Related Pins When Using 32-bit DDR Memory Only Signal Name Pin Connection MDQ[31–0] in use MDQ[63–32] NC MDQS[3–0] in use MDQS[7–4] NC MDQS[3–0] in use MDQS[7–4] NC MA[15–0] in use MCK[2–0] in use MCK[2–0] in use MCS[1–0] in use MDM[3–0] in use MDM[7–4] NC MBA[2–0] in use MCAS in use MCKE[1–0] in use MODT[1–0] in use MMDIC[1–0] in use MRAS in use MWE in use MVREF in use GVDD1/GVDD2 in use Notes: 1. For the signals listed in this table, the initial M stands for M1 or M2 depending on which DDR controller is not used. 2. For MSC8254 Revision 1 silicon, these pins were connected to GND (or VDD). For newer revisions of the MSC8254, connecting these pins to GND increases device power consumption. Table 42. Connectivity of Unused ECC Mechanism Pins Signal Name Pin connection MECC[7–0] NC MDM8 NC MDQS8 NC MDQS8 NC Notes: 1. For the signals listed in this table, the initial M stands for M1 or M2 depending on which DDR controller is not used. 2. For MSC8254 Revision 1 silicon, these pins were connected to GND (or VDD). For newer revisions of the MSC8254, connecting these pins to GND increases device power consumption. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |