Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE 232GP Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE 232GP
Description  Smart Six Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE 232GP Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE 232GP Datasheet HTML 8Page - Infineon Technologies AG TLE 232GP Datasheet HTML 9Page - Infineon Technologies AG TLE 232GP Datasheet HTML 10Page - Infineon Technologies AG TLE 232GP Datasheet HTML 11Page - Infineon Technologies AG TLE 232GP Datasheet HTML 12Page - Infineon Technologies AG TLE 232GP Datasheet HTML 13Page - Infineon Technologies AG TLE 232GP Datasheet HTML 14Page - Infineon Technologies AG TLE 232GP Datasheet HTML 15Page - Infineon Technologies AG TLE 232GP Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet TLE 6232 GP
V2.3
Page
2009-11-18
12
On a reading access the bit pattern of the data byte at the SPI input SI will be ignored. The
first SO byte sent out simultaneously by the TLE 6232 GP always contains the common fault
bit, the over-temperature bit and the diagnostic information of channels 6 and 5 (2 bits each).
Depending on the SI control byte, the second SO byte contains the requested information.
- Read back of SCON_REG (SCON bits 6 to 1 and two high bits)
- Read back of MUX_REG (MUX information for channel 6 to 1 and two high bits)
- Diagnostic information of channel 4 to 1 (2 bits per channel)
On a writing access always the full diagnostic information of the 6 channels (2 bit per channel)
and the over-temperature and common fault bit is performed.
Invalid instruction/access:
An instruction is invalid, if the following condition is fulfilled:
- an unused instruction code is detected (see tables with SPI instructions).
If an invalid instruction is detected, a writing access on a register of TLE6232 GP is not allow-
wed. In addition an access is invalid if the number of SPI clock pulses counted during active
CS differs from exactly 16 clock pulses (falling edges are counted).
- On a writing access the received data is only taken over into the internal registers and
- the fault register is only cleared by the RD_DIAG command,
if exactly 16 SPI clock pulses were counted while CS active.
Writing access / 8 bit + 8 bit
resp.
SPI Instruction
SS
SI
SO
MSB
Data/8 Bit
SS
DIA4 DIA3 DIA2 DIA1
MSB
MSB
Z
Z
F OT DIA6 DIA5
1
0
-
-
-
-
-
-
SPI Instruction
SI
SO
MSB
XXXX XXXX
MSB
MSB
Z
Z
OT DIA6 DIA5
F
1
0
-
-
-
-
-
-
Reading access / 8 bit + 8 bit
Data/8 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com