Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6366IRZ Datasheet(PDF) 39 Page - Intersil Corporation

Part # ISL6366IRZ
Description  Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6366IRZ Datasheet(HTML) 39 Page - Intersil Corporation

Back Button ISL6366IRZ Datasheet HTML 35Page - Intersil Corporation ISL6366IRZ Datasheet HTML 36Page - Intersil Corporation ISL6366IRZ Datasheet HTML 37Page - Intersil Corporation ISL6366IRZ Datasheet HTML 38Page - Intersil Corporation ISL6366IRZ Datasheet HTML 39Page - Intersil Corporation ISL6366IRZ Datasheet HTML 40Page - Intersil Corporation ISL6366IRZ Datasheet HTML 41Page - Intersil Corporation ISL6366IRZ Datasheet HTML 42Page - Intersil Corporation ISL6366IRZ Datasheet HTML 43Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ISL6366
39
FN6964.0
January 3, 2011
MULTIPHASE RMS IMPROVEMENT
Figure 32 is provided as a reference to demonstrate the dramatic
reductions in input-capacitor RMS current upon the
implementation of the multiphase topology. For example,
compare the input RMS current requirements of a 2-phase
converter versus that of a single phase. Assume both converters
have a duty cycle of 0.25, maximum sustained output current of
40A, and a ratio of IL,PP to IO of 0.5. The single phase converter
would require 17.3ARMS current capacity while the 2-phase
converter would only require 10.9ARMS. The advantages become
even more pronounced when output current is increased and
additional phases are added to keep the component cost down
relative to the single phase approach.
Layout and Design Considerations
The following layout and design strategies are intended to minimize
the noise coupling, the impact of board parasitic impedances on
converter performance and to optimize the heat-dissipating
capabilities of the printed-circuit board. These sections highlight
some important practices which should follow during the layout
process. A layout check list in excel format is available for use.
Pin Noise Sensitivity, Design and Layout
Consideration
Table 14 shows the noise sensitivity of each pin and their design
and layout consideration. All pins and external components
should not be across switching nodes and placed in general
proximity to the controller.
TABLE 14. PIN DESIGN AND/OR LAYOUT CONSIDERATION
PIN NAME
NOISE
SENSITIVITY
DESCRIPTION
NC4
No
Open Pin. Reserved for “ISENIN-” in
ISL6366A/67: It will be noise sensitive and
connect to input supply side of the input
inductor or resistor pin with L/DCR or
ESL/R matching network in close
proximity to the controller. Place NTC in the
close proximity to input inductor for
thermal compensation.
FIGURE 32. NORMALIZED INPUT-CAPACITOR RMS CURRENT vs
DUTY CYCLE FOR SINGLE-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VOUT/VIN)
0.6
0.2
0
0.4
IL,PP = 0
IL,PP = 0.5 IO
IL,PP = 0.75 IO
NC5
No
Open Pin. Reserved for “ISENIN+” in
ISL6366A/67: It will be noise sensitive and
connects to the Drain of High-side MOSFET
side of the input inductor or resistor pin.
EN_PWR
No
There is an internal 1µs filter. Decoupling
capacitor is NOT needed, but if needed,
use a low time constant one to avoid too
much of shut-down delay. It will also be the
output of CFP function in ISL6366A and
ISL6367: 34
Ω strong pull-up. 25 mils
spacing from other traces.
RAMP_ADJ
Yes
NO decoupling capacitor allowed on this
pin, but decoupling its resistor pull-up RAIL
with a high quality ceramic capacitor
(0.1µF or higher) or with very small RC
filter (<2.2µs).
RGND
Yes
Pairing up with the positive rail remote
sensing line that connected to FB resistor,
and routing them to the load sensing
points.
VSEN
No
Used for Overvoltage protection sensing
only, and it has 1µs internal filter.
Decoupling is NOT needed. Add a 0Ω series
impedance to be compatible with
ISL6366A/67.
FB
Yes
Pairing up with the negative rail of remote
sensing line that connected to RGND, and
routing them to the load sensing points.
Reserve an RC from FB to GND to
compensate the output lagging from DAC
during DVID transitions.
HFCOMP
Yes
Connect an R to the VR0 output. The R
value is typically equal or slightly higher
than the feedback resistor (droop resistor),
fine tuned according to the high frequency
transient performance. Placing the
compensation network in close proximity
to the controller.
PSICOMP
Yes
The series impedance typically should be
2x-3x the impedance in type III
compensation to reduce noise coupling.
Placing the compensation network in close
proximity to the controller.
COMP
Yes
Placing the compensation network in close
proximity to the controller. Typically use a
68pF or higher across FB to COMP
depending upon the noise coupling of the
layout.
DVC
Yes
4/3 of DAC voltage. Placing the
compensation network in close proximity
to the controller.
IMON
Yes
Referring to GND, not RGND. Place R and C
in general proximity to the controller. The
time constant of RC should be sufficient,
typically 1ms, as an average function for
the digital IOUT of VR0.
TABLE 14. PIN DESIGN AND/OR LAYOUT CONSIDERATION
(Continued)
PIN NAME
NOISE
SENSITIVITY
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com