Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR91B565KP Datasheet(PDF) 5 Page - Kemet Corporation

Part # CSR91B565KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565KP Datasheet(HTML) 5 Page - Kemet Corporation

  CSR91B565KP Datasheet HTML 1Page - Kemet Corporation CSR91B565KP Datasheet HTML 2Page - Kemet Corporation CSR91B565KP Datasheet HTML 3Page - Kemet Corporation CSR91B565KP Datasheet HTML 4Page - Kemet Corporation CSR91B565KP Datasheet HTML 5Page - Kemet Corporation CSR91B565KP Datasheet HTML 6Page - Kemet Corporation CSR91B565KP Datasheet HTML 7Page - Kemet Corporation CSR91B565KP Datasheet HTML 8Page - Kemet Corporation CSR91B565KP Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
KEMET T110
MIL-PRF-39003 (CSR13) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C (Cont’d)
5.6
B
5,10,20
T110B565(1)010AS
0.4
4
6.8
B
5,10,20
T110B685(1)010AS
1.0
6
8.2
B
5,10,20
T110B825(1)010AS
1.0
6
10.0
B
5,10,20
T110B106(1)010AS
1.0
6
12.0
B
5,10,20
T110B126(1)010AS
1.0
6
15.0
B
5,10,20
T110B156(1)010AS
1.0
6
18.0
B
5,10,20
T110B186(1)010AS
1.0
6
22.0
B
5,10,20
T110B226(1)010AS
2.0
6
27.0
B
5
T110B276J010AS
2.0
6
5011 5211 5411 5611 6026 7026 8026 T212B276J010(2)S
27.0
B
10
T110B276K010AS
2.0
6
2256 2496 2736 2976 6027 7027 8027 T212B276K010(2)S
27.0
B
20
T110B276M010AS
2.0
6
33.0
B
5
T110B336J010AS
2.0
6
5012 5212 5412 5612 6028 7028 8028 T212B336J010(2)S
33.0
B
10
T110B336K010AS
2.0
6
2257 2497 2737 2977 6029 7029 8029 T212B336K010(2)S
33.0
B
20
T110B336M010AS
2.0
6
2258 2498 2738 2978 6030 7030 8030 T212B336M010(2)S
39.0
B
5
T110B396J010AS
2.0
6
5013 5213 5413 5613 6031 7031 8031 T212B396J010(2)S
39.0
B
10
T110B396K010AS
2.0
6
2259 2499 2739 2979 6032 7032 8032 T212B396K010(2)S
39.0
B
20
T110B396M010AS
2.0
6
47.0
C
5,10,20
T110C476(1)010AS
3.0
6
56.0
C
5,10,20
T110C566(1)010AS
3.0
6
68.0
C
5,10,20
T110C686(1)010AS
3.0
6
82.0
C
5
T110C826J010AS
3.0
6
5014 5214 5414 5614 6033 7033 8033 T212C826J010(2)S
82.0
C
10
T110C826K010AS
3.0
6
2260 2500 2740 2980 6034 7034 8034 T212C826K010(2)S
82.0
C
20
T110C826M010AS
3.0
6
100.0
C
5
T110C107J010AS
5.0
6
5015 5215 5415 5615 6035 7035 8035 T212C107J010(2)S
100.0
C
10
T110C107K010AS
5.0
6
2261 2501 2741 2981 6036 7036 8036 T212C107K010(2)S
100.0
C
20
T110C107M010AS
5.0
6
2262 2502 2742 2982 6037 7037 8037 T212C107M010(2)S
120.0
C
5
T110C127J010AS
6.0
6
5016 5216 5416 5616 6038 7038 8038 T212C127J010(2)S
120.0
C
10
T110C127K010AS
6.0
6
2263 2503 2743 2983 6039 7039 8039 T212C127K010(2)S
120.0
C
20
T110C127M010AS
6.0
6
150.0
D
5,10,20
T110D157(1)010AS
9.0
6
180.0
D
5
T110D187J010AS
9.0
6
5017 5217 5417 5617 6040 7040 8040 T212D187J010(2)S
180.0
D
10
T110D187K010AS
9.0
6
2264 2504 2744 2984 6041 7041 8041 T212D187K010(2)S
180.0
D
20
T110D187M010AS
9.0
6
220.0
D
5
T110D227J010AS
10.0
8
5018 5218 5418 5618 6042 7042 8042 T212D227J010(2)S
220.0
D
10
T110D227K010AS
10.0
8
2265 2505 2745 2985 6043 7043 8043 T212D227K010(2)S
220.0
D
20
T110D227M010AS
10.0
8
2266 2506 2746 2986 6044 7044 8044 T212D227M010(2)S
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
0.33
A
5,10,20
T110A334(1)015AS
0.3
3
0.39
A
5,10,20
T110A394(1)015AS
0.3
3
0.47
A
5,10,20
T110A474(1)015AS
0.3
3
0.56
A
5,10,20
T110A564(1)015AS
0.3
3
0.68
A
5,10,20
T110A684(1)015AS
0.3
3
0.82
A
5,10,20
T110A824(1)015AS
0.3
3
1.0
A
5,10,20
T110A105(1)015AS
0.3
3
1.2
A
5,10,20
T110A125(1)015AS
0.3
4
1.5
A
5,10,20
T110A155(1)015AS
0.3
4
1.8
A
5,10,20
T110A185(1)015AS
0.3
4
2.2
A
5,10,20
T110A225(1)015AS
0.3
4
2.7
A
5
T110A275J015AS
0.3
4
5019 5219 5419 5619 6045 7045 8045 T212A275J015(2)S
2.7
A
10
T110A275K015AS
0.3
4
2267 2507 2747 2987 6046 7046 8046 T212A275K015(2)S
2.7
A
20
T110A275M015AS
0.3
4
3.3
A
5
T110A335J015AS
0.4
4
5020 5220 5420 5620 6047 7047 8047 T212A335J015(2)S
3.3
A
10
T110A335K015AS
0.4
4
2268 2508 2748 2988 6048 7048 8048 T212A335K015(2)S
3.3
A
20
T110A335M015AS
0.4
4
2269 2509 2749 2989 6049 7049 8049 T212A335M015(2)S
3.9
B
5,10,20
T110B395(1)015AS
0.4
4
4.7
B
5,10,20
T110B475(1)015AS
0.7
4
5.6
B
5,10,20
T110B565(1)015AS
0.7
4
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T110 SERIES — POLAR TYPE & T212 (CSR13)
8
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/1H
EXPONENTIAL
MIL-PRF-39003/1H
GRADED
(1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com