Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR09B554KP Datasheet(PDF) 27 Page - Kemet Corporation

Part # CSR09B554KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554KP Datasheet(HTML) 27 Page - Kemet Corporation

Back Button CSR09B554KP Datasheet HTML 23Page - Kemet Corporation CSR09B554KP Datasheet HTML 24Page - Kemet Corporation CSR09B554KP Datasheet HTML 25Page - Kemet Corporation CSR09B554KP Datasheet HTML 26Page - Kemet Corporation CSR09B554KP Datasheet HTML 27Page - Kemet Corporation CSR09B554KP Datasheet HTML 28Page - Kemet Corporation CSR09B554KP Datasheet HTML 29Page - Kemet Corporation CSR09B554KP Datasheet HTML 30Page - Kemet Corporation CSR09B554KP Datasheet HTML 31Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
KEMET T140
MIL-PRF-39003 (CSR23) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
1.2
A
10, 20
T140A125(1)035AS
0.6
4
1.5
A
10, 20
T140A155(1)035AS
0.8
4
1.8
A
10
T140A185K035AS
1.0
4
0164 0264 0364 0464 2064 3064 4064 T242A185K035(2)S
1.8
A
20
T140A185M035AS
1.0
4
8.2
B
10
T140B825K035AS
3.0
4
0165 0265 0365 0465 2065 3065 4065 T242B825K035(2)S
8.2
B
20
T140B825M035AS
3.0
4
10.0
B
10
T140B106K035AS
3.0
4
0166 0266 0366 0466 2066 3066 4066 T242B106K035(2)S
10.0
B
20
T140B106M035AS
3.0
4
0167 0267 0367 0467 2067 3067 4067 T242B106M035(2)S
27.0
C
10, 20
T140C276(1)035AS
7.0
6
33.0
C
10
T140C336K035AS
8.0
6
0168 0268 0368 0468 2068 3068 4068 T242C336K035(2)S
33.0
C
20
T140C336M035AS
8.0
6
0169 0269 0369 0469 2069 3069 4069 T242C336M035(2)S
39.0
C
10
T140C396K035AS
10.0
6
0170 0270 0370 0470 2070 3070 4070 T242C396K035(2)S
39.0
C
20
T140C396M035AS
10.0
6
47.0
C
10
T140C476K035AS
10.0
6
0171 0271 0371 0471 2071 3071 4071 T242C476K035(2)S
47.0
C
20
T140C476M035AS
10.0
6
0172 0272 0372 0472 2072 3072 4072 T242C476M035(2)S
56.0
D
10
T140D566K035AS
12.0
6
0173 0273 0373 0473 2073 3073 4073 T242D566K035(2)S
56.0
D
20
T140D566M035AS
12.0
6
68.0
D
10
T140D686K035AS
12.0
6
0174 0274 0374 0474 2074 3074 4074 T242D686K035(2)S
68.0
D
20
T140D686M035AS
12.0
6
0175 0275 0375 0475 2075 3075 4075 T242D686M035(2)S
82.0
D
10, 20
T140D826(1)035AS
20.0
8
100.0
D
10, 20
T140D107(1)035AS
20.0
8
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C
1.2
A
10
T140A125K050AS
0.6
4
0176 0276 0376 0476 2076 3076 4076 T242A125K050(2)S
1.2
A
20
T140A125M050AS
0.6
4
1.5
A
10
T140A155K050AS
0.8
4
0177 0277 0377 0477 2077 3077 4077 T242A155K050(2)S
1.5
A
20
T140A155M050AS
0.8
4
0178 0278 0378 0478 2078 3078 4078 T242A155M050(2)S
5.6
B
10
T140B565K050AS
2.5
4
0179 0279 0379 0479 2079 3079 4079 T242B565K050(2)S
5.6
B
20
T140B565M050AS
2.5
4
6.8
B
10
T140B685K050AS
2.5
4
0180 0280 0380 0480 2080 3080 4080 T242B685K050(2)S
6.8
B
20
T140B685M050AS
2.5
4
0181 0281 0381 0481 2081 3081 4081 T242B685M050(2)S
22.0
C
10
T140C226K050AS
7.0
6
0182 0282 0382 0482 2082 3082 4082 T242C226K050(2)S
22.0
C
20
T140C226M050AS
7.0
6
0183 0283 0383 0483 2083 3083 4083 T242C226M050(2)S
27.0
C
10
T140C276K050AS
8.0
6
0184 0284 0384 0484 2084 3084 4084 T242C276K050(2)S
27.0
C
20
T140C276M050AS
8.0
6
33.0
D
10
T140D336K050AS
10.0
6
0185 0285 0385 0485 2085
**
T242D336K050(2)S
33.0
D
20
T140D336M050AS
10.0
6
0186 0286 0386 0486 2086
**
T242D336M050(2)S
39.0
D
10
T140D396K050AS
10.0
6
0187 0287 0387 0487 2087
**
T242D396K050(2)S
39.0
D
20
T140D396M050AS
10.0
6
47.0
D
20
T140D476M050AS
10.0
6
60 VOLT RATING AT 85°C — 40 VOLT RATING AT 125°C
0.82
A
10, 20
T140A824(1)060AS
0.5
4
1.0
A
10, 20
T140A105(1)060AS
0.5
4
4.7
B
10, 20
T140B475(1)060AS
3.0
4
5.6
B
10, 20
T140B565(1)060AS
3.0
4
15.0
C
10, 20
T140C156(1)060AS
5.0
6
18.0
C
10, 20
T140C186(1)060AS
6.0
6
22.0
C
10, 20
T140C226(1)060AS
7.0
6
27.0
D
10, 20
T140D276(1)060AS
10.0
6
33.0
D
10, 20
T140D336(1)060AS
10.0
6
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T140 SERIES — POLAR TYPE & T242 (CSR23)
30
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/3F
EXPONENTIAL
MIL-PRF-39003/3F
GRADED
(1) To complete T140 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T242 Series Part Number, insert Failure Rate Symbol in the 13th Character.
*Note: C Failure Rate not QPL for -3085 thru 3087
D Failure Rate not QPL for -4085 thru 4087
Bold Face lines indicate popular part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com