Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42694 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE42694
Description  Low Dropout Fixed Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE42694 Datasheet HTML 1Page - Infineon Technologies AG TLE42694 Datasheet HTML 2Page - Infineon Technologies AG TLE42694 Datasheet HTML 3Page - Infineon Technologies AG TLE42694 Datasheet HTML 4Page - Infineon Technologies AG TLE42694 Datasheet HTML 5Page - Infineon Technologies AG TLE42694 Datasheet HTML 6Page - Infineon Technologies AG TLE42694 Datasheet HTML 7Page - Infineon Technologies AG TLE42694 Datasheet HTML 8Page - Infineon Technologies AG TLE42694 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Data Sheet
5
Rev. 1.1, 2008-10-07
TLE42694
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment PG-DSO-8
PG-DSO-8
GND
RO
SO
D5
6
7
RADJ
8
4
3
2
1
AEP01668
Q
Ι
S
Ι
Figure 2
Pin Configuration (top view)
3.2
Pin Definitions and Functions PG-DSO-8
Table 1
Pin
Symbol
Function
1
I
Input
for compensating line influences, a capacitor to GND close to the IC terminals is
recommended
2
SI
Sense Input
connect the voltage to be monitored;
connect to Q if the sense comparator is not needed
3
RADJ
Reset Threshold Adjust
connect an external voltage divider to adjust reset threshold;
connect to GND for using internal threshold
4
D
Reset Delay Timing
connect a ceramic capacitor to GND for adjusting the reset delay time;
leave open if the reset function is not needed
5
GND
Ground
6
RO
Reset Output
open collector output; internally linked to the output via a 20k
Ω pull-up resistor;
leave open if the reset function is not needed
7
SO
Sense Output
open collector output; internally linked to the output via a 20k
Ω pull-up resistor;
leave open if the sense comparator is not needed
8
Q
Output
block to GND with a capacitor close to the IC terminals, respecting the values given
for its capacitance CQ and ESR in “Functional Range” on Page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com