Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42694G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42694G
Description  Low Dropout Fixed Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42694G Datasheet HTML 1Page - Infineon Technologies AG TLE42694G Datasheet HTML 2Page - Infineon Technologies AG TLE42694G Datasheet HTML 3Page - Infineon Technologies AG TLE42694G Datasheet HTML 4Page - Infineon Technologies AG TLE42694G Datasheet HTML 5Page - Infineon Technologies AG TLE42694G Datasheet HTML 6Page - Infineon Technologies AG TLE42694G Datasheet HTML 7Page - Infineon Technologies AG TLE42694G Datasheet HTML 8Page - Infineon Technologies AG TLE42694G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PG-DSO-8
PG-DSO-14
PG-SSOP-14 exposed pad
Type
Package
Marking
TLE42694G
PG-DSO-8
42694G
TLE42694GM
PG-DSO-14
42694GM
TLE42694E
PG-SSOP-14 exposed pad
42694E
Data Sheet
2
Rev. 1.1, 2008-10-07
TLE42694
Low Dropout Fixed Voltage Regulator
1Overview
Features
•
Output Voltage 5 V
± 2%
•
Ouput Current up to 150 mA
•
Very Low Current Consumption
•
Early Warning
•
Power-on and Undervoltage Reset with Programmable Delay Time
•
Reset Low Down to VQ = 1 V
•
Adjustable Reset Threshold
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Reverse Polarity Protection
•
Overtemperature Protection
•
Suitable for Use in Automotive Electronics
•
Wide Temperature Range from -40 °C up to 150 °C
•
Input Voltage Range from -42 V to 45 V
•
Integrated Pull-Up Resistors at Logic Outputs
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE 42694 is a monolithic integrated low dropout voltage
regulator, especially designed for automotive applications. An input
voltage up to 45 V is regulated to an output voltage of 5.0 V. The
component is able to drive loads up to 150 mA. It is short-circuit proof
by the implemented output current limitation and has an integrated
overtemperature shutdown. A reset signal is generated for an output
voltage VQ,rt of typically 4.65 V. This threshold can be decreased by
an external resistor divider. The power-on reset delay time can be
programmed by the external delay capacitor. The additional sense
comparator provides an early warning function: Any voltage (e.g. the
input voltage) can be monitored, an under-voltage condition is indicated
by setting the comparator’s output to low. The reset and sense output
are internally connected to the output Q via a pull-up resistor. If these
integrated resistors are not desired, the TLE42794 can be used instead of the TLE42694.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com