Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42764 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42764
Description  Low Dropout Linear Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42764 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42764 Datasheet HTML 5Page - Infineon Technologies AG TLE42764 Datasheet HTML 6Page - Infineon Technologies AG TLE42764 Datasheet HTML 7Page - Infineon Technologies AG TLE42764 Datasheet HTML 8Page - Infineon Technologies AG TLE42764 Datasheet HTML 9Page - Infineon Technologies AG TLE42764 Datasheet HTML 10Page - Infineon Technologies AG TLE42764 Datasheet HTML 11Page - Infineon Technologies AG TLE42764 Datasheet HTML 12Page - Infineon Technologies AG TLE42764 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
9
Rev. 1.1, 2009-10-09
TLE42764
Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulator
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Low Output Current
I
Q
Output Voltage
V
Q versus
Junction Temperature
T
J
Dropout Voltage
V
dr versus
Output Current
I
Q
01_IQ_IQ.VSD
0
2
4
6
8
10
12
14
16
0
100
200
300
400
I Q [mA]
V I = 13.5 V
T j = 25 °C
02_IQ_IQLOW.VSD
0
0,2
0,4
0,6
0,8
1
1,2
1,4
0
2040
6080
100
I Q [mA]
V I = 13.5 V
T j = 25 °C
03_VQ_TJ.VSD
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
-40040
80
120
T j [°C]
I Q = 5 mA
V I = 13.5 V
150
04_VDR_IQ.VSD
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
I Q [mA]
T
j = 150 °C
T
j = 25 °C
T
j = -40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com