Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE42994
Description  Low Dropout Fixed Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE42994 Datasheet HTML 18Page - Infineon Technologies AG TLE42994 Datasheet HTML 19Page - Infineon Technologies AG TLE42994 Datasheet HTML 20Page - Infineon Technologies AG TLE42994 Datasheet HTML 21Page - Infineon Technologies AG TLE42994 Datasheet HTML 22Page - Infineon Technologies AG TLE42994 Datasheet HTML 23Page - Infineon Technologies AG TLE42994 Datasheet HTML 24Page - Infineon Technologies AG TLE42994 Datasheet HTML 25Page - Infineon Technologies AG TLE42994 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TLE42994
Block Description and Electrical Characteristics
Data Sheet
22
Rev. 1.1, 2009-05-19
Electrical Characteristics Reset Function
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Undervoltage Reset
5.7.1
Default Output Undervoltage Reset
Switching Thresholds
V
RT
4.5
4.65
4.8
V
V
Q decreasing
Output Undervoltage Reset Threshold Adjustment
5.7.2
Reset Adjust
Switching Threshold
V
RADJ,th
1.26
1.36
1.44
V
3.5 V
≤ VQ < 5 V
5.7.3
Reset Adjustment Range1)
1)
V
RT is scaled linearly, in case the Reset Switching Threshold is modified
V
RT,range
3.50
–
4.65
V
–
Reset Output RO
5.7.4
Reset Output Low Voltage
V
RO,low
–0.1
0.4
V
1 V
≤ VQ ≤ VRT
no external
R
RO,ext
5.7.5
Reset Output Internal
Pull-up Resistor to
V
Q
R
RO
10
20
40
k
Ω
–
5.7.6
Optional Reset Output External
Pull-up Resistor to
V
Q
R
RO,ext
5.6
–
–
k
Ω
1V
≤ VQ ≤ VRT ;
V
RO ≤ 0.4 V
Reset Delay Timing
5.7.7
Delay Pin Output Voltage
V
D
––
5V
–
5.7.8
Power On Reset Delay Time
t
rd
17
28
35
ms
C
D = 100 nF
Calculated Value:
t
rd = CD * VDU / ID,ch
5.7.9
Upper Delay
Switching Threshold
V
DU
–
1.85
–
V
–
5.7.10
Lower Delay
Switching Threshold
V
DL
–0.50
–
V
–
5.7.11
Delay Capacitor
Charge Current
I
D,ch
–8.0
–µA
V
D = 1 V
5.7.12
Delay Capacitor
Reset Discharge Current
I
D,dch
–
70
–
mA
V
D = 1 V
5.7.13
Delay Capacitor
Discharge Time
t
rr,d
–
1.9
3
µs
Calculated Value:
t
rr,d = CD*(VDU -
V
DL)/ ID,dch
C
D = 100 nF
5.7.14
Internal Reset Reaction Time
t
rr,int
–
1420µs
C
D = 0 nF
2)
2) parameter not subject to production test; specified by design
5.7.15
Reset Reaction Time
t
rr,total
–
15.9
23
µs
Calculated Value:
t
rr,total = trr,int + trr,d
C
D = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com