Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS-0575A Datasheet(PDF) 4 Page - CUI INC

Part # CSS-0575A
Description  MAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-0575A Datasheet(HTML) 4 Page - CUI INC

  CSS-0575A Datasheet HTML 1Page - CUI INC CSS-0575A Datasheet HTML 2Page - CUI INC CSS-0575A Datasheet HTML 3Page - CUI INC CSS-0575A Datasheet HTML 4Page - CUI INC CSS-0575A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
date
page
PART NUMBER:
DESCRIPTION:
06/2010
4 of 5
MAGNETIC BUZZER
CSS-0575A
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
RECOMMENDED TEMPERATURE PROFILE FOR REFLOW OVEN
Note: 255°C is less than 20 sec., but only pass the lead free reflow once.
TEST CONDITIONS
standard test conditions
a) Temperature: +5 ~ +35°C
b) Humidity: 45 ~ 85%
c) Pressure: 860 ~ 1060 mbar
judgement test conditions
a) Temperature: +25 ±2°C
b) Humidity: 60 ~ 70%
c) Pressure: 860 ~ 1060 mbar
MECHANICAL CHARACTERISTICS
item
test condition
evaluation standard
operating (life test)
1. Ordinary temperature:
The part will be subjected to 100 hours at room temperature (25°C
±10°C) with 3 V, 4,000 Hz applied.
2. High temperature:
The part will be subjected to 50 hours of continuous operation at
55°C with 3 V, 4,000 Hz applied.
2. Low temperature:
The part will be subjected to 50 hours of continuous operation at
-30°C with 3 V, 4,000 Hz applied.
After any tests, the buzzer will meet
specifications without any damage in
appearance except SPL. After
4 hours at 25°C, SPL should be within
±10 dBA of the initial measurements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com