Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM1106 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM1106
Description  Nonvolatile 3V Dual State Saver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1106 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM1106_09 Datasheet HTML 1Page - Ramtron International Corporation FM1106_09 Datasheet HTML 2Page - Ramtron International Corporation FM1106_09 Datasheet HTML 3Page - Ramtron International Corporation FM1106_09 Datasheet HTML 4Page - Ramtron International Corporation FM1106_09 Datasheet HTML 5Page - Ramtron International Corporation FM1106_09 Datasheet HTML 6Page - Ramtron International Corporation FM1106_09 Datasheet HTML 7Page - Ramtron International Corporation FM1106_09 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM1106 - Automotive Temp.
Rev. 3.0
Apr. 2009
Page 2 of 8
Block Diagram and Truth Table
INPUTS
OUTPUT
Qn
EN
CLK
Dn
H
L
L
H
H
H
H
H or L
X
Q0
L
X
X
Hi-Z
L
Low voltage level
H
High voltage level
X
Don’t Care
CLK rising edge
Q0 Previous output state before CLK ↑
Pin Descriptions
Pin Name
I/O
Description
D0, D1
Input
Data inputs
Q0, Q1
Output
Data outputs
CLK
Input
Clock: On a rising edge of CLK, the DN inputs are transferred to the QN outputs. While
CLK is high or low, the QN outputs do not change regardless of the state of the data
inputs. See truth table.
EN
Input
Enable. This active-high input enables the device. When low, inputs are ignored and
updates to the nonvolatile cells are prevented. When high, the device operates
normally.
VDD
Supply
Power Supply (2.7V to 3.6V)
VSS
Supply
Ground
NV
State
Saver
CLK
DN
QN
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com