Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2000AG Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FT2000AG
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FT2000AG Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FT2000AG Datasheet HTML 1Page - EIC discrete Semiconductors FT2000AG Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FT2000AA ~FT2000KG )
FIG.1 - RATED FORWARD CURRENT VS.
CASE TEMPERATURE
0
25
50
75
100
125
150
175
200
FIG.2 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Page 2 of 2
Rev. 00 : March 10, 2008
80
60
40
20
120
100
0
10
0.1
1
TJ = 25 °C
1000
100
CASET TEMPERATURE, TC ( °C)
FORWARD VOLTAGE, VR (V)
VR < 80% VRRM
VR < 20% VRRM
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com