Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1069 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1069
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1069_10 Datasheet HTML 1Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND.........................................................-0.3V to +6V
DVDD to DGND ........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AGNDS to AGND...................................................-0.3V to +0.3V
AIN, REF, REFADJ to AGND ..................-0.3V to (VAVDD + 0.3V)
SCL, SDA, ADD_ to DGND.......................................-0.3V to +6V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +85°C)
14-Pin TSSOP (derate 9.1mW/°C above +85°C) .........864mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VAVDD = +4.75V to +5.25V, VDVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external
reference applied to REF, REFADJ = AVDD, CREF = 10µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
14
Bits
MAX1069A
±1
Relative Accuracy
(Note 2)
INL
MAX1069B
±2
LSB
MAX1069A, no missing codes
±1
Differential Nonlinearity
DNL
MAX1069B, no missing codes
±1
LSB
Offset Error
2
5
mV
Offset-Error Temperature
Coefficient
1.0
ppm/
°C
Gain Error
(Note 3)
±0.25
±0.5
%FSR
Gain Temperature Coefficient
0.1
ppm/
°C
DYNAMIC PERFORMANCE (fIN(sine wave) = 1kHz, VIN = VREF(P-P), fSAMPLE = 58.6ksps)
Signal-to-Noise Plus Distortion
SINAD
81
84
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-99
-86
dB
Spurious-Free Dynamic Range
SFDR
87
102
dB
Signal-to-Noise Ratio
SNR
82
84
dB
Full-Power Bandwidth
FPBW
-3dB point
4
MHz
Full-Linear Bandwidth
SINAD > 81dB
20
kHz
CONVERSION RATE (Figure 11)
Fast mode
7.1
7.5
Conversion Time
(SCL Stretched Low)
tCONV
High-speed mode
5.8
6
µs
Fast mode
19
Throughput Rate (Note 4)
fSAMPLE
High-speed mode
58.6
ksps
Internal Clock Frequency
fCLK
4
MHz
Track/Hold Acquisition Time
tACQ
(Note 5)
1100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com