Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1708EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
______________________________________________________________________________________
13
Layout Considerations
Due to high inductor current levels and fast switching
waveforms, proper PC board layout is essential. Protect
sensitive analog grounds by using a star ground config-
uration. Connect PGND, the input bypass capacitor
ground lead, and the output filter capacitor ground lead
to a single point (star ground configuration). In addition,
minimize trace lengths to reduce stray capacitance and
trace resistance, especially from the LX pins to the catch
diode (D1) and output capacitor (C2) to PGND pins. If an
external resistor-divider is used to set the output voltage
(Figure 4), the trace from FB to the resistors must be
extremely short and must be shielded from switching
signals, such as CLK or LX. To optimize package power
dissipation and minimize device heating under heavy
loads, expand PC trace area connected to the three
PGND pins as much as the layout can allow. This is best
accomplished with a large PGND plane on the surface of
the board. Also note that outer-layer ground plane area
beneath the device provides little heat-sinking benefit. If
an outer-layer ground plane is not feasible, the PGND
pins should be connected to the inner-layer ground
plane with multiple vias (at least three vias per pin is rec-
ommended). Since the purpose of these vias is to opti-
mize thermal conductivity to the inner ground plane, be
sure that the vias have no gaps in their connections to
the ground plane. Refer to a layout example in the
MAX1708EVKIT data sheet.
___________________ Chip Information
SUBSTRATE: GND
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
16 QSOP
E16+1
21-0055
90-0167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com