Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER201 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HER201
Description  HIGH EFFICIENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HER201 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HER201_05 Datasheet HTML 1Page - EIC discrete Semiconductors HER201_05 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201 - HER208
HIGH EFFICIENT
RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 2.0 A
VF
1.1
1.7
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
A
A
IFSM
IF(AV)
2.0
75
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - HER201_05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201_06 Datasheet
58Kb / 4P
2.0A ULTRAFAST DIODE
More results

Similar Description - HER201_05

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HER101 EIC-HER101_05 Datasheet
55Kb / 2P
HIGH EFFICIENT
HER151 EIC-HER151_05 Datasheet
55Kb / 2P
HIGH EFFICIENT
HER251 EIC-HER251_05 Datasheet
54Kb / 2P
HIGH EFFICIENT
HER301 EIC-HER301_05 Datasheet
55Kb / 2P
HIGH EFFICIENT
HER501 EIC-HER501_05 Datasheet
55Kb / 2P
HIGH EFFICIENT
HER601 EIC-HER601 Datasheet
50Kb / 2P
HIGH EFFICIENT
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_14 Datasheet
377Kb / 4P
High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com